Electronic Components Datasheet Search
  English  ▼

X  

BTS441RG Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS441RG Datasheet HTML 3Page - Infineon Technologies AG BTS441RG Datasheet HTML 4Page - Infineon Technologies AG BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG BTS441RG Datasheet HTML 10Page - Infineon Technologies AG BTS441RG Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data sheet
7
Rev. 1.21, 2012-12-06
BTS441RG
Parameter and Conditions
Symbol
Values
Unit
at
Tj =-40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Protection Functions10)
Current limit (pin 3 to 5)
Tj =-40°C: IL(lim)
--
--
85
A
(see timing diagrams, page 9)
Tj =25°C:
Tj =+150°C:
--
40
65
--
--
--
Repetitive short circuit current limit
IL(SCr)
--
55
--
A
Tj = Tjt (see timing diagrams, page 10)
Thermal shutdown time11)12)
Tj,start =25°C:
(see timing diagram on page 10)
Toff(SC)
--
14
--
ms
Output clamp (inductive load switch off)
;
Tj =-40°C:
at VOUT = Vbb - VON(CL), IL= 40 mA
Tj=25..150°C: VON(CL)
41
43
--
47
--
52
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
ΔTjt
--
10
--
K
Reverse battery (pin 3 to 1) 13)
-
Vbb
--
--
32
V
Reverse battery voltage drop (V
OUT > Vbb)
IL = -2A
Tj =+150°C:
-VON(rev)
--
540
--
mV
10
) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
11) not subject to production test, specified by design
12) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70
μm thick) copper area for Vbb
connection. PCB is vertical without blown air.
13) Requires 150
Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 1 and circuit page 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com