Electronic Components Datasheet Search
  English  ▼

X  

BTS441RG Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS441RG Datasheet HTML 4Page - Infineon Technologies AG BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG BTS441RG Datasheet HTML 10Page - Infineon Technologies AG BTS441RG Datasheet HTML 11Page - Infineon Technologies AG BTS441RG Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BTS441RG
Data sheet
8
Rev. 1.21, 2012-12-06
Parameter and Conditions
Symbol
Values
Unit
at
Tj =-40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Diagnostic Characteristics
Open load detection voltage14)
V OUT(OL)
1
2
3
4
V
Input and Status Feedback15)
Input resistance
see circuit page 7
RI
2.5
3.8
6.5
k
Ω
Input turn-on threshold voltage
VIN(T+)
1.2
--
2.2
V
Input turn-off threshold voltage
VIN(T-)
0.8
--
--
V
Input threshold hysteresis
Δ VIN(T)
--
0.3
--
V
Off state input current (pin 2)
VIN = 0.4 V: IIN(off)
1
--
15
μA
On state input current (pin 2)
VIN = 5 V: IIN(on)
4.5
12
24
μA
Delay time for status with open load after switch
off
(see timing diagrams, page 11
),
tST delay
--
--
500
μs
Status output (open drain)
Zener limit voltage
IST = +1.6 mA:
ST low voltage
IST = +1.6 mA::
VST(high)
VST(low)
5.4
--
6.1
--
--
0.4
V
Truth Table
IN
OUT
ST
Normal operation
L
H
L
H
H
H
Open load
L
H
Z
H
L16)
H
Short circuit to Vbb
L
H
H
H
L
H
Overtemperature
L
H
L
L
H
L
L = "Low" Level
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal valid after the time delay shown in the timing diagrams
14) External pull up resistor required for open load detection in off state
15) If a ground resistor R
GND is used, add the voltage drop across this resistor.
16) L, if potential at the Output exceeds the OpenLoad detection voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com