Electronic Components Datasheet Search
  English  ▼

X  

DLP9000X Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLP9000X
Description  Family of 0.9 WQXGA Type A DMDs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9000X Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLP9000X Datasheet HTML 17Page - Texas Instruments DLP9000X Datasheet HTML 18Page - Texas Instruments DLP9000X Datasheet HTML 19Page - Texas Instruments DLP9000X Datasheet HTML 20Page - Texas Instruments DLP9000X Datasheet HTML 21Page - Texas Instruments DLP9000X Datasheet HTML 22Page - Texas Instruments DLP9000X Datasheet HTML 23Page - Texas Instruments DLP9000X Datasheet HTML 24Page - Texas Instruments DLP9000X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
21
DLP9000
www.ti.com
DLPS036B – SEPTEMBER 2014 – REVISED OCTOBER 2016
Product Folder Links: DLP9000
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.8 Capacitance at Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
CI
Input capacitance
ƒ = 1 MHz
10
pF
CO
Output capacitance
ƒ = 1 MHz
10
pF
CIM
MBRST(31:0) input capacitance
f = 1 MHz. All inputs interconnected.
230
290
pF
7.9 Typical Characteristics
When the DLP9000 DMD is controlled by two DLPC900 controllers, these digital controllers offer four modes of
operation.
1.
Video Mode
2.
Video Pattern Mode
3.
Pre-Stored Pattern Mode
4.
Pattern On-The-Fly Mode
In video mode, the video source is displayed on the DMD at the rate of the incoming video source.
In modes 2, 3, and 4, the pattern rates depend on the bit depth as shown in Table 1.
When the DLP9000X DMD is controlled by the DLPC910 controller, the digital controller offers streaming 1-bit
binary patterns to the DMD at speeds greater than 61 Gigabits per second (Gbps). The patterns are streamed
from a customer designed applications processor into the DLPC910 input LVDS data interface. Table 2 shows
the pattern rates for the different DMD Reset Modes.
Table 1. DLPC900 with DLP9000 Pattern Rate versus Bit Depth
BIT DEPTH
VIDEO PATTERN MODE (Hz)
PRE-STORED or PATTERN ON-
THE-FLY MODE (Hz)
1
2880
9523
2
1440
3289
3
960
2638
4
720
1364
5
480
823
6
480
672
7
360
500
8
247
247
(1)
Refer to the DLPC910 data sheet in Related Documentation for a description of the reset modes.
(2)
Pixel data rates are based on continuous streaming.
(3)
Increasing exposure periods may be necessary for a desired application but may decrease pattern rate.
(4)
Global reset mode allows for continuous or pulsed illumination source.
(5)
This reset mode typically requires pulsed illumination such as a laser or LED.
Table 2. DLPC910 with DLP9000X Pattern Rates versus Reset Mode
RESET MODE(1)
MAX PIXEL DATA RATE (Gbps)(2)
MAX PATTERN RATE (Hz) (3)
Global
53.42
13043(4)
Single
56.46
13783 (5)
Dual
59.89
14624 (5)
Quad
61.39
14989(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com