Electronic Components Datasheet Search
  English  ▼

X  

LM5161 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5161
Description  Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5161 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5161 Datasheet HTML 17Page - Texas Instruments LM5161 Datasheet HTML 18Page - Texas Instruments LM5161 Datasheet HTML 19Page - Texas Instruments LM5161 Datasheet HTML 20Page - Texas Instruments LM5161 Datasheet HTML 21Page - Texas Instruments LM5161 Datasheet HTML 22Page - Texas Instruments LM5161 Datasheet HTML 23Page - Texas Instruments LM5161 Datasheet HTML 24Page - Texas Instruments LM5161 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
UV2
IN, UVLO(rising)
UVLO(TH)
UV1
R
V
V
1
R
§
·
¨
¸
©
¹
IN(HYS)
UVLO(HYS)
UV2
V
I
R
u
SS
Startup
SS
SS
I
T
C
V
u
21
LM5161-Q1
www.ti.com
SNVSAF9 – AUGUST 2016
Product Folder Links: LM5161-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
CIN (C4, C6) supplies most of the switch current during the ON-time to limit the voltage ripple at the VIN pin. At
maximum load current, when the buck switch turns on, the current into the VIN pin quickly increases to the valley
current of the inductor ripple and then ramps up to the peak of the inductor ripple during the ON-time of the high-
side FET. The average current during the ON-time is the output load current. For a worst-case calculation, CIN
must supply this average load current during the maximum ON-time, without letting the voltage at VIN drop more
than the desired input ripple. For this design, the input voltage drop is limited to 0.5 V and the value of CIN is
calculated using Equation 15.
Based on Equation 15, the value of the input capacitor is calculated to be approximately 1.68 µF at D = 0.5.
Taking into account the decrease in capacitance over an applied voltage, two standard value ceramic capacitors
of 2.2 μF are selected for C4 and C6. The input capacitors should be rated for the maximum input voltage under
all operating and transient conditions. A 100-V, X7R dielectric was selected for this design.
A third input capacitor C5 is needed in this design as a bypass path for the high frequency component of the
input switching current. The value of C5 is 0.1 μF and this bypass capacitor must be placed directly across VIN
and PGND (pin 3 and 2) near the IC. The CIN values and location are critical to reducing switching noise and
transients.
8.2.1.2.8
Soft-Start Capacitor Selection
The capacitor at the SS pin determines the soft-start time, that is the time for the output voltage to reach its final
steady state value. The capacitor value is determined from Equation 16:
(16)
With C9 (CSS) set at 22 nF and the Vss = 2 V, ISS = 10 µA, the TStartup should measure approximately 4 ms.
8.2.1.2.9
EN/UVLO Resistor Selection
The UVLO resistors R3 (RUV2) and R9 (RUV1) set the input undervoltage lockout threshold and hysteresis
according to Equation 17 and Equation 18:
(17)
and,
(18)
From the Electrical Characteristics, IUVLO(HYS) = 20 μA (typical). To design for VIN rising threshold (VIN, UVLO(rising))
at 15 V and EN/UVLO hysteresis of 1.5 V, Equation 17 and Equation 18 yield RUV1 = 6.81 kΩ and RUV2 = 75 kΩ .
Selecting 1% standard value of R9 (RUV1) = 6.81 kΩ and R3 (RUV2) = 75 kΩ results in UVLO threshold (rising)
and hysteresis of 14.9 V and 1.5 V respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com