Electronic Components Datasheet Search
  English  ▼

X  

LM5161 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5161
Description  Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5161 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5161 Datasheet HTML 9Page - Texas Instruments LM5161 Datasheet HTML 10Page - Texas Instruments LM5161 Datasheet HTML 11Page - Texas Instruments LM5161 Datasheet HTML 12Page - Texas Instruments LM5161 Datasheet HTML 13Page - Texas Instruments LM5161 Datasheet HTML 14Page - Texas Instruments LM5161 Datasheet HTML 15Page - Texas Instruments LM5161 Datasheet HTML 16Page - Texas Instruments LM5161 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
IN
OFF CL
FB
V
T
s
20 V
4.35
P
OUT
ON
10
SW
V
R
1.008 x 10
x F
:
10
ON
ON
IN
1.008 x 10
x R
T
s
V
13
LM5161-Q1
www.ti.com
SNVSAF9 – AUGUST 2016
Product Folder Links: LM5161-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Regulation Comparator
The feedback voltage at the FB pin is compared to the SS pin voltage VSS. In normal operation when the output
voltage is in regulation, an ON-time period is initiated when the voltage at FB pin falls below VSS. The high-side
buck switch stays on for the ON-time one-shot period causing the FB voltage to rise. After the on-time period
expires, the high-side switch will remain off until the FB voltage falls below VSS. During start-up, the FB voltage is
below VSS at the end of each on-time period and the high-side switch turns on again after the minimum forced
off-time of 170 ns (typical). When the output is shorted to ground (FB = 0 V), the high side peak current limit is
triggered, the high-side FET is turned off, and remains off for a period determined by the current limit OFF-time
one-shot. See the Current Limit section for additional information.
7.3.4 Soft-Start
The soft-start feature of the LM5161-Q1 allows the converter to gradually reach a steady-state operating point,
thereby reducing start-up stresses and current surges. When the EN/UVLO pin is above the EN/UVLO standby
threshold VUVLO(TH) = 1.24 V (typ) and VCC exceeds the VCC undervoltage VCC(UV) = 3.98 V (typ) threshold, an
internal 10-µA current source charges the external capacitor at the SS pin (CSS) from 0 V to 2 V. The voltage at
the SS pin is connected to the noninverting input of the internal FB comparator. The soft-start interval ends when
the SS capacitor is charged to the 2 V reference level. The ramping voltage at the SS pin produces a controlled,
monotonic output voltage start-up. A minimum 1-nF soft-start capacitor must be used in all applications.
7.3.5 Error Transconductance (GM) Amplifier
The LM5161-Q1 provides a trans-conductance (GM) error amplifier that minimizes the difference between the
reference voltage (VREF) and the average feedback (FB) voltage. This amplifier reduces the load and line
regulation errors that are common in constant-on-time regulators. The soft-start capacitor (CSS) provides
compensation for this error correction loop. The soft-start capacitor should be greater than 1 nF to ensure
stability.
7.3.6 On-Time Generator
The ON-time of the LM5161-Q1 high-side FET is determined by the RON resistor and is inversely proportional to
the input voltage (VIN). The inverse relationship with VIN results in a nearly constant frequency as VIN is varied.
The ON-time can be calculated from Equation 3 with RON expressed in ohms.
(3)
To set a specific continuous conduction mode switching frequency (FSW expressed in Hz), the RON resistor is
determined from Equation 4:
(4)
RON must be selected for a minimum on-time (at maximum VIN) greater than 150 ns for proper operation. This
minimum ON-time requirement limits the maximum switching frequency of applications with relatively high VIN
and low VOUT.
7.3.7 Current Limit
The LM5161-Q1 provides an intelligent current limit OFF-timer that adjusts the OFF-time to reduce foldback of
the current limit. If the peak value of the current in the buck switch exceeds 1.6 A (typical) the present ON-time
period is immediately terminated, and a non-resettable OFF-timer is initiated. The length of the OFF-time is
controlled by the FB voltage and the input voltage VIN. As an example, when VFB = 0.1-V and VIN = 72-V, the
OFF-time is set to 13 μs (typical). This condition would occur if the output is shorted or during the initial phase of
start-up. In cases of output overload where the FB voltage is greater than zero volts (a soft short), the current
limit OFF-time is reduced. Reducing the OFF-time during less severe overloads reduces the current limit
foldback, overload recovery time, and start-up time. The current limit off-time, TOFF(CL) is calculated from
Equation 5:
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com