Electronic Components Datasheet Search
  English  ▼

X  

MAX3243MPWREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3243MPWREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3243MPWREP Datasheet(HTML) 2 Page - Texas Instruments

  MAX3243MPWREP Datasheet HTML 1Page - Texas Instruments MAX3243MPWREP Datasheet HTML 2Page - Texas Instruments MAX3243MPWREP Datasheet HTML 3Page - Texas Instruments MAX3243MPWREP Datasheet HTML 4Page - Texas Instruments MAX3243MPWREP Datasheet HTML 5Page - Texas Instruments MAX3243MPWREP Datasheet HTML 6Page - Texas Instruments MAX3243MPWREP Datasheet HTML 7Page - Texas Instruments MAX3243MPWREP Datasheet HTML 8Page - Texas Instruments MAX3243MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
FUNCTION TABLES
Each Driver
(1)
Each Receiver
(1)
MAX3243-EP
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SGLS328A – MARCH 2006 – REVISED MAY 2006
Flexible control options for power management are available when the serial port is inactive. The
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232 signal, the driver outputs are disabled. If FORCEOFF is
set low, both drivers and receivers (except ROUT2B) are shut off and the supply current is reduced to 1
µA.
Disconnecting the serial port or turning off the peripheral drivers causes the auto-powerdown condition to occur.
Auto-powerdown can be disabled when FORCEON and FORCEOFF are high and should be done when driving
a serial mouse. With auto-powerdown enabled, the device is activated automatically when a valid signal is
applied to any receiver input. The INVALID output is used to notify the user if an RS-232 signal is present at any
receiver input. INVALID is high (valid data) if any receiver input voltage is greater than 2.7 V or less than –2.7 V
or has been between –0.3 V and 0.3 V for less than 30
µs. INVALID is low (invalid data) if all receiver input
voltages are between –0.3 V and 0.3 V for more than 30
µs. See Figure 5 for receiver input levels.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SSOP – DB
Reel of 2000
MAX3243MDBREP
MB3243M
–55
°C to 125°C
TSSOP – PW
Reel of 2000
MAX3243MPWREP
MB3243M
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
INPUTS
OUTPUT
DRIVER STATUS
VALID RIN
DOUT
DIN
FORCEON
FORCEOFF
RS-232 LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with auto-powerdown
disabled
H
H
H
X
L
L
L
H
YES
H
Normal operation with auto-powerdown
enabled
H
L
H
YES
L
L
L
H
NO
Z
Power off by auto-powerdown feature
H
L
H
NO
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
INPUTS
OUTPUTS
RECEIVER STATUS
RIN1,
VALID RIN
RIN2
FORCEOFF
ROUT2B
ROUT
RIN3–RIN5
RS-232 LEVEL
L
X
L
X
L
Z
Powered off while ROUT2B is active
H
X
L
X
H
Z
L
L
H
YES
L
H
L
H
H
YES
L
L
Normal operation with auto-powerdown
H
L
H
YES
H
H
disabled/enabled
H
H
H
YES
H
L
Open
Open
H
YES
L
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected driver off
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com