Electronic Components Datasheet Search
  English  ▼

X  

MAX3243MPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3243MPWREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3243MPWREP Datasheet(HTML) 1 Page - Texas Instruments

  MAX3243MPWREP Datasheet HTML 1Page - Texas Instruments MAX3243MPWREP Datasheet HTML 2Page - Texas Instruments MAX3243MPWREP Datasheet HTML 3Page - Texas Instruments MAX3243MPWREP Datasheet HTML 4Page - Texas Instruments MAX3243MPWREP Datasheet HTML 5Page - Texas Instruments MAX3243MPWREP Datasheet HTML 6Page - Texas Instruments MAX3243MPWREP Datasheet HTML 7Page - Texas Instruments MAX3243MPWREP Datasheet HTML 8Page - Texas Instruments MAX3243MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C2+
C2−
V−
RIN1
RIN2
RIN3
RIN4
RIN5
DOUT1
DOUT2
DOUT3
DIN3
DIN2
DIN1
C1+
V+
VCC
GND
C1−
FORCEON
FORCEOFF
INVALID
ROUT2B
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
DB OR PW PACKAGE
(TOP VIEW)
DESCRIPTION
MAX3243-EP
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SGLS328A – MARCH 2006 – REVISED MAY 2006
•
Applications
•
Controlled Baseline
– Battery-Powered Systems, PDAs,
Notebooks, Laptops, Palmtop PCs, and
– One Assembly/Test Site, One Fabrication
Hand-Held Equipment
Site
•
Extended Temperature Performance of -55
°C
to 125
°C
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree (1)
•
Single-Chip and Single-Supply Interface
for IBM™ PC/AT™ Serial Port
•
RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
•
D Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
•
Operates With 3-V to 5.5-V V
CC Supply
•
Three Drivers and Five Receivers
•
Low Standby Current . . . 1 mA Typical
•
External Capacitors . . . 4
× 0.1 mF
•
Accepts 5-V Logic Input With 3.3-V Supply
•
Always-Active Noninverting Receiver
Output (ROUT2B)
•
Serial-Mouse Driveability
•
Auto-Powerdown Feature to Disable Driver
Outputs When No Valid RS-232 Signal Is
Sensed
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The MAX3243 consists of three line drivers, five line receivers, and a dual charge-pump circuit with
±15-kV ESD
(HBM) protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. This combination of drivers and receivers matches that needed for the typical serial port
used in an IBM PC/AT or compatible. The charge pump and four small external capacitors allow operation from
a single 3-V to 5.5-V supply. In addition, the device includes an always-active noninverting output (ROUT2B),
which allows applications using the ring indicator to transmit data while the device is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
IBM, PC/AT are trademarks of IBM.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX3243MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3243MPWREP TI1-MAX3243MPWREP Datasheet
541Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243MPWREP TI2-MAX3243MPWREP Datasheet
433Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD (HBM) PROTECTION
REVISED MAY 2006
MAX3243MPWREP.A TI2-MAX3243MPWREP.A Datasheet
433Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD (HBM) PROTECTION
REVISED MAY 2006
More results

Similar Description - MAX3243MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223 TI-MAX3223 Datasheet
300Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243 TI-MAX3243_06 Datasheet
299Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238 Datasheet
384Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243 TI-MAX3243_09 Datasheet
489Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH - 15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238_10 Datasheet
368Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238E TI-TRS3238E Datasheet
474Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3243 TI1-TRS3243 Datasheet
583Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRSF3238E TI1-TRSF3238E Datasheet
610Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com