Electronic Components Datasheet Search
  English  ▼

X  

RT9168 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9168
Description  200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9168 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9168 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9168 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9168 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9168 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9168 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9168 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9168 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9168 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9168 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9168/A
DS9168/A-03 May 2001
www.richtek-ic.com.tw
1
200mA/500mA Fixed Output Voltage LDO Regulator
General Description
The RT9168/A is a 200mA/500mA low dropout and
micropower
regulator
suitable
for
portable
applications. The output voltages range from 1.5V to
5.0V in 100mV increments and 2% accuracy. The
RT9168/A is designed for use with very low ESR
capacitors. The output remains stable even with a
1
µF ceramic output capacitor.
The RT9168/A uses an internal PMOS as the pass
device, which does not cause extra GND current in
heavy load and dropout conditions. The shutdown
mode of nearly zero operation current makes the IC
suitable for battery-powered devices. Other features
include current limiting and over temperature
protection. The SOP-8 and SOT-25 packages are
also available for larger power dissipation and
design flexibility.
Applications
Cellular Telephones
Laptop, Notebook, and Palmtop Computers
Battery-powered Equipment
Hand-held Equipment
Ordering Information
RT9168/A-
Features
Stable with Low-ESR Output Capacitor
Low Dropout Voltage (220mV at 200mA)
Low Operation Current - 80
µµµµA Typical
Shutdown Function
Low Temperature Coefficient
Current and Thermal Limiting
Custom Voltage Available
SOT-25 and SOP-8 Packages
Pin Configurations
Part Number
Pin Configurations
RT9168/A-
CBR
(Plastic SOT-25)
TOP VIEW
1. OUT
2. GND
3. IN
4. SHDN
5. NC
RT9168/A-
CS
RT9168/A-
CSH
(Plastic SOP-8)
TOP VIEW
Typical Application Circuit
Package type
BR : SOT-25
S : SOP-8
SH : SOP-8, High shutdown
Operating temperature range
C: Commercial standard
Output voltage
15 : 1.5V
16 : 1.6V
:
:
49 : 4.9V
50 : 5.0V
500mA Output current
200mA Output current
54
3
2
1
OUT
GND
GND
NC
IN
GND
GND
SHDN/SHDN
1
2
3
4
8
7
6
5
RT9168
GND
IN
OUT
VOUT
COUT
1
µF
VIN
CIN
1
µF
SHDN
NC
SHDN


Similar Part No. - RT9168

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GBR RICHTEK-RT916815GBR Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GS RICHTEK-RT916815GS Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GSH RICHTEK-RT916815GSH Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT916815PBR RICHTEK-RT916815PBR Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9168

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
logo
Microchip Technology
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com