Electronic Components Datasheet Search
  English  ▼

X  

CLVC2G126MDCUTEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC2G126MDCUTEP
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC2G126MDCUTEP Datasheet(HTML) 4 Page - Texas Instruments

  CLVC2G126MDCUTEP Datasheet HTML 1Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 2Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 3Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 4Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 5Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 6Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 7Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 8Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74LVC2G126-EP
SCES856 – DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
These specifications apply for –55°C
≤ TJ ≤ 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = –100 μA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 μA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
A or OE
II
VI = 5.5 V or GND
0 to 5.5 V
±5
μA
inputs
Ioff
VI or VO = 5.5 V
0
±10
μA
IOZ
VO = 0 to 5.5 V
3.6 V
10
μA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
μA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
μA
Data inputs
3.5
CI
VI = VCC or GND
3.3 V
pF
Control
4
inputs
Co
VO = VCC or GND
3.3 V
6.5
pF
(1)
All typical values are at VCC = 3.3 V, TJ = 25°C.
SWITCHING CHARACTERISTICS
These specifications apply for –55°C
≤ TJ ≤ 125°C (unless otherwise noted) (see Figure 2)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.5
15.2
1.7
8.6
1.4
6.8
1
5.5
ns
ten
OE
Y
3.5
15.2
1.7
8.6
1.5
6.8
1
5.5
ns
tdis
OE
Y
1.7
12.6
1
5.7
1
4.5
0.1
3.3
ns
OPERATING CHARACTERISTICS
TJ = 25°
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Outputs enabled
19
19
20
22
Power dissipation
Cpd
f = 10 MHz
pF
capacitance
Outputs disabled
2
2
2
3
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G126-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com