Electronic Components Datasheet Search
  English  ▼

X  

CLVC2G126MDCUTEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC2G126MDCUTEP
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC2G126MDCUTEP Datasheet(HTML) 1 Page - Texas Instruments

  CLVC2G126MDCUTEP Datasheet HTML 1Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 2Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 3Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 4Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 5Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 6Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 7Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 8Page - Texas Instruments CLVC2G126MDCUTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3
6
1Y
2Y
8
1
V
CC
1OE
5
GND
4
2A
2
7
2OE
1A
SN74LVC2G126-EP
www.ti.com
SCES856 – DECEMBER 2013
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
Check for Samples: SN74LVC2G126-EP
1
FEATURES
•
Supports 5-V VCC Operation
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Inputs Accept Voltages to 5.5 V
•
Controlled Baseline
•
Max tpd of 6.8 ns at 3.3 V
•
One Assembly and Test Site
•
Low Power Consumption, 10-
μA Max ICC
•
One Fabrication Site
•
±24-mA Output Drive at 3.3 V
•
Available in Military (–55°C to 125°C)
•
Typical VOLP (Output Ground Bounce)
Temperature Range
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Extended Product Life Cycle
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Extended Product-Change Notification
•
Ioff Supports Partial-Power-Down Mode
•
Product Traceability
Operation
•
Latch-Up Performance Exceeds 100 mA Per
DCU PACKAGE
(TOP VIEW)
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
DESCRIPTION
This dual bus buffer gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G126 is a dual bus driver/line driver with 3-state outputs. The outputs are disabled when the
associated output-enable (OE) input is low.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VID NUMBER
–55°C to 125°C
VSSOP - DCU
Tape of 250
CLVC2G126MDCUTEP
CEPR
V62/14604-01XE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Function Table
(Each Buffer)
INPUTS
OUTPUT
Y
OE
A
H
H
H
H
L
L
L
X
Z
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLVC2G126MDCUTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC2G126MDCUTEP TI1-CLVC2G126MDCUTEP Datasheet
767Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - CLVC2G126MDCUTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
Dual Bus Buffer Gate With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com