Electronic Components Datasheet Search
  English  ▼

X  

SP339B Datasheet(PDF) 12 Page - Exar Corporation

Part # SP339B
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339B Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP339B Datasheet HTML 8Page - Exar Corporation SP339B Datasheet HTML 9Page - Exar Corporation SP339B Datasheet HTML 10Page - Exar Corporation SP339B Datasheet HTML 11Page - Exar Corporation SP339B Datasheet HTML 12Page - Exar Corporation SP339B Datasheet HTML 13Page - Exar Corporation SP339B Datasheet HTML 14Page - Exar Corporation SP339B Datasheet HTML 15Page - Exar Corporation SP339B Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
FIGURE 2. MODE 01 - RS-232
L1
L2
L3
L4
L6
L7
L8
L9
Vcc
R2
R3
R4
R6
R7
R8
R9
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
All pull-downs 330kΩ
C3
0.1µF
C2
0.1µF
C1
0.1µF
C4
0.1µF
Cc
1.0µF
R3
R4
T3
R5
T2
T1
R2
R1
5kΩ
5kΩ
5kΩ
5kΩ
5kΩ
SP339B
12
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com