Electronic Components Datasheet Search
  English  ▼

X  

SP339B Datasheet(PDF) 16 Page - Exar Corporation

Part # SP339B
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339B Datasheet(HTML) 16 Page - Exar Corporation

Back Button SP339B Datasheet HTML 12Page - Exar Corporation SP339B Datasheet HTML 13Page - Exar Corporation SP339B Datasheet HTML 14Page - Exar Corporation SP339B Datasheet HTML 15Page - Exar Corporation SP339B Datasheet HTML 16Page - Exar Corporation SP339B Datasheet HTML 17Page - Exar Corporation SP339B Datasheet HTML 18Page - Exar Corporation SP339B Datasheet HTML 19Page - Exar Corporation SP339B Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
FIGURE 9. RS-232 RECEIVER PROPAGATION DELAY
CL
Rx
VIN
VOUT
+3V
-3V
VOH
VOL
tRHL
tRLH
VIN
VOUT
1.5V
1.5V
1.5V
1.5V
FIGURE 10. RS-232 DRIVER PROPAGATION DELAY
RL
CL
Tx
VIN
VOUT
3V
0V
+3V
-3V
tSHL
tSLH
VIN
VOUT
tDHL
1.5V
0V
0V
tDLH
1.5V
SP339B
16
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com