Electronic Components Datasheet Search
  English  ▼

X  

SA8027 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA8027
Description  2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8027 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA8027 Datasheet HTML 2Page - NXP Semiconductors SA8027 Datasheet HTML 3Page - NXP Semiconductors SA8027 Datasheet HTML 4Page - NXP Semiconductors SA8027 Datasheet HTML 5Page - NXP Semiconductors SA8027 Datasheet HTML 6Page - NXP Semiconductors SA8027 Datasheet HTML 7Page - NXP Semiconductors SA8027 Datasheet HTML 8Page - NXP Semiconductors SA8027 Datasheet HTML 9Page - NXP Semiconductors SA8027 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Philips Semiconductors
Product data
SA8027
2.5 GHz low voltage, low power
RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
6
CHARACTERISTICS
VDDCP = VDD = +3.0 V, Tamb = +25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
Digital supply voltage
2.7
–
3.6
V
VDDCP
Analog supply voltage
VDDCP w VDD
2.7
–
3.6
V
ITotal
Synthesizer operational supply current
VDD = +3.0 V
(with main and aux on)
–
7.7
–
mA
IStandby
Total supply current in power-down mode
logic levels 0 or VDD
–
1
–
µA
RFin main divider input
fVCO
VCO input frequency
500
–
2500
MHz
VRFin
AC-coupled input signal level
Rin (external) = Rs = 50 Ω;
single-ended drive;
–18
–
0
dBm
g
max. limit is indicative
@ 500 to 2500 MHz
80
–
632
mVPP
ZRFin
Input impedance (real part)
fVCO = 2.4 GHz
–
300
–
Ω
CRFin
Typical pin input capacitance
fVCO = 2.4 GHz
–
1
–
pF
Nmain
Main divider ratio
512
–
65535
fPCmax
Maximum loop comparison frequency
indicative, not tested
–
–
4
MHz
AUX divider input
fAUXin
Input frequency range
100
–
550
MHz
V
AC coupled input signal level
Rin (external) = RS = 50 Ω;
–15
–
0
dBm
VAUXin
AC-coupled input signal level
in ()
S
max. limit is indicative
112
–
632
mVPP
ZAUXin
Input impedance (real part)
fVCO = 500 MHz
–
3.9
–
k
Ω
CAUXin
Typical pin input capacitance
fVCO = 500 MHz
–
0.5
–
pF
NAUX
Auxiliary division ratio
128
–
16383
Reference divider input
fREFin
Input frequency range from TCXO
5
–
40
MHz
VREFin
AC-coupled input signal level
single-ended drive;
max. limit is indicative
360
–
1300
mVPP
ZREFin
Input impedance (real part)
fREF = 20 MHz
–
10
–
k
Ω
CREFin
Typical pin input capacitance
fREF = 20 MHz
–
1
–
pF
RREF
Reference division ratio
SA = SM = ”000”
4
–
1023
Charge pump current setting resistor input
RSET
External resistor from pin to ground
6
7.5
15
k
Ω
VSET
Regulated voltage at pin
RSET = 7.5 kΩ
–
1.22
–
V
Charge pump outputs; RSET = 7.5 kΩ
ICP
Charge pump current ratio to ISET1
Current gain = IPH/ISET
–15
+15
%
IMATCH
Sink-to-source current matching
VPH = 1/2 VDDCP
–10
+10
%
IZOUT
Output current variation versus VPH2
VPH in compliance range
–10
+10
%
ILPH
Charge pump off leakage current
VPH = 1/2 VDDCP
–10
+10
nA
VPH
Charge pump voltage compliance
0.6
–
VDDCP–0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com