Electronic Components Datasheet Search
  English  ▼

X  

TC7660EPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7660EPA
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EPA Datasheet(HTML) 3 Page - Microchip Technology

  TC7660EPA Datasheet HTML 1Page - Microchip Technology TC7660EPA Datasheet HTML 2Page - Microchip Technology TC7660EPA Datasheet HTML 3Page - Microchip Technology TC7660EPA Datasheet HTML 4Page - Microchip Technology TC7660EPA Datasheet HTML 5Page - Microchip Technology TC7660EPA Datasheet HTML 6Page - Microchip Technology TC7660EPA Datasheet HTML 7Page - Microchip Technology TC7660EPA Datasheet HTML 8Page - Microchip Technology TC7660EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2002-2011 Microchip Technology Inc.
DS21465C-page 3
TC7660
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, C1 = C2 = 10 µF, ESRC1 = ESRC2 = 1 , TA = 25°C. See Figure 1-1.
FIGURE 2-1:
Operating Voltage vs.
Temperature.
FIGURE 2-2:
Output Source Resistance
vs. Supply Voltage.
FIGURE 2-3:
Frequency of Oscillation vs.
Oscillator Capacitance.
FIGURE 2-4:
Power Conversion
Efficiency vs. Oscillator Frequency.
FIGURE 2-5:
Output Source Resistance
vs. Temperature.
FIGURE 2-6:
Unloaded Oscillator
Frequency vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-25
0
+25
+75 +100 +125
12
10
8
6
4
2
+50
-55
TEMPERATURE (
°C)
0
SUPPLY VOLTAGE RANGE
7
8
10k
1k
100
Ω
6
5
4
3
2
1
0
SUPPLY VOLTAGE (V)
10
Ω
OSCILLATOR CAPACITANCE (pF)
10k
1
1k
100
10
10
100
1000
10k
V+ = +5V
OSCILLATOR FREQUENCY (Hz)
100
98
96
92
90
88
86
84
82
80
94
100
1k
10k
V+ = +5V
IOUT = 1 mA
IOUT = 15 mA
500
450
400
200
150
100
50
0
-55
-25
0
+25
+50
+75 +100 +125
TEMPERATURE (
°C)
V + = +2V
V + = +5V
IOUT = 1 mA
TEMPERATURE (
°C)
20
-55
18
16
14
12
10
8
6
-25
0
+25 +50
+75 +100 +125
V+ = +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com