Electronic Components Datasheet Search
  English  ▼

X  

TC7660EPA Datasheet(PDF) 17 Page - Microchip Technology

Part # TC7660EPA
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EPA Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC7660EPA Datasheet HTML 12Page - Microchip Technology TC7660EPA Datasheet HTML 13Page - Microchip Technology TC7660EPA Datasheet HTML 14Page - Microchip Technology TC7660EPA Datasheet HTML 15Page - Microchip Technology TC7660EPA Datasheet HTML 16Page - Microchip Technology TC7660EPA Datasheet HTML 17Page - Microchip Technology TC7660EPA Datasheet HTML 18Page - Microchip Technology TC7660EPA Datasheet HTML 19Page - Microchip Technology TC7660EPA Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21465C-page 17
TC7660
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TC7660:
DC-to-DC Voltage Converter
Temperature Range:
C
=
0°C to +70°C
E
=
-40°C to +85°C
I
=
-25°C to +85°C (CERDIP only)
M
=
-55°C to +125°C (CERDIP only)
Package:
PA
= Plastic DIP, (300 mil body), 8-lead
JA
= Ceramic DIP, (300 mil body), 8-lead
OA
= SOIC (Narrow), 8-lead
OA713 = SOIC (Narrow), 8-lead (Tape and Reel)
Examples:
a)
TC7660COA: Commercial Temp., SOIC
package.
b)
TC7660COA713:Tape and Reel, Commercial
Temp., SOIC package.
c)
TC7660CPA: Commercial Temp., PDIP
package.
d)
TC7660EOA: Extended Temp., SOIC
package.
e)
TC7660EOA713: Tape and Reel, Extended
Temp., SOIC package.
f)
TC7660EPA: Extended Temp., PDIP
package.
g)
TC7660IJA:
Industrial Temp., CERDIP
package
h)
TC7660MJA: Military Temp., CERDIP
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com