Electronic Components Datasheet Search
  English  ▼

X  

SC16C550 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16C550
Description  Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C550 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16C550 Datasheet HTML 4Page - NXP Semiconductors SC16C550 Datasheet HTML 5Page - NXP Semiconductors SC16C550 Datasheet HTML 6Page - NXP Semiconductors SC16C550 Datasheet HTML 7Page - NXP Semiconductors SC16C550 Datasheet HTML 8Page - NXP Semiconductors SC16C550 Datasheet HTML 9Page - NXP Semiconductors SC16C550 Datasheet HTML 10Page - NXP Semiconductors SC16C550 Datasheet HTML 11Page - NXP Semiconductors SC16C550 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Philips Semiconductors
SC16C550
UART with 16-byte FIFO and IrDA encoder/decoder
Product data
Rev. 05 — 19 June 2003
8 of 52
9397 750 11619
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
RCLK
10
5
9
I
Receiver clock. RCLK is the 16
× baud rate clock for the receiver
section of the UART.
IOR, IOR
24, 25
19, 20
21, 22
I
Read inputs. When either IOR or IOR is active (LOW or HIGH,
respectively) while the UART is selected, the CPU is allowed to read
status information or data from a selected UART register. Only one of
these inputs is required for the transfer of data during a read operation;
the other input should be tied to its inactive level (i.e., IOR tied LOW or
IOR tied HIGH).
RI
43
41
39
I
Ring indicator. RI is a modem status signal. Its condition can be
checked by reading bit 6 (RI) of the modem status register. Bit 2
(TERI) of the modem status register indicates that RI has transitioned
from a LOW to a HIGH level since the last read from the modem status
register. If the modem status interrupt is enabled when this transition
occurs, an interrupt is generated.
RTS
36
32
32
O
Request to send. When active, RTS informs the modem or data set
that the UART is ready to receive data. RTS is set to the active level by
setting the RTS modem control register bit and is set to the inactive
(HIGH) level either as a result of a Master Reset or during loop mode
operations or by clearing bit 1 (RTS) of the MCR. In the auto-RTS
mode, RTS is set to the inactive level by the receiver threshold control
logic.
RXRDY
322929
O
Receiver ready. Receiver direct memory access (DMA) signaling is
available with RXRDY. When operating in the FIFO mode, one of two
types of DMA signaling can be selected using the FIFO control register
bit 3 (FCR[3]). When operating in the 16C450 mode, only DMA
mode 0 is allowed. Mode 0 supports single-transfer DMA in which a
transfer is made between CPU bus cycles. Mode 1 supports
multi-transfer DMA in which multiple transfers are made continuously
until the receiver FIFO has been emptied. In DMA mode 0 (FCR0 = 0
or FCR0 = 1, FCR3 = 0), when there is at least one character in the
receiver FIFO or receiver holding register, RXRDY is active (LOW).
When RXRDY has been active but there are no characters in the FIFO
or holding register, RXRDY goes inactive (HIGH). In DMA mode 1
(FCR0 = 1, FCR3 = 1), when the trigger level or the time-out has been
reached, RXRDY goes active (LOW); when it has been active but there
are no more characters in the FIFO or holding register, it goes inactive
(HIGH).
RX
11
7
10
I
Serial data input. RX is serial data input from a connected
communications device.
TX
13
8
11
I
Serial data output. TX is composite serial data output to a connected
communication device. TX is set to the marking (HIGH) level as a
result of Master Reset.
TXRDY
272324
O
Transmitter ready. Transmitter DMA signaling is available with
TXRDY. When operating in the FIFO mode, one of two types of DMA
signaling can be selected using FCR[3]. When operating in the
16C450 mode, only DMA mode 0 is allowed. Mode 0 supports
single-transfer DMA in which a transfer is made between CPU bus
cycles. Mode 1 supports multi-transfer DMA in which multiple transfers
are made continuously until the transmit FIFO has been filled.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
PLCC44 LQFP48 DIP40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com