Electronic Components Datasheet Search
  English  ▼

X  

VFC320 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # VFC320
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VFC320 Datasheet(HTML) 6 Page - Texas Instruments

Back Button VFC320 Datasheet HTML 2Page - Texas Instruments VFC320 Datasheet HTML 3Page - Texas Instruments VFC320 Datasheet HTML 4Page - Texas Instruments VFC320 Datasheet HTML 5Page - Texas Instruments VFC320 Datasheet HTML 6Page - Texas Instruments VFC320 Datasheet HTML 7Page - Texas Instruments VFC320 Datasheet HTML 8Page - Texas Instruments VFC320 Datasheet HTML 9Page - Texas Instruments VFC320 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
VFC320
6
SBVS017A
I
IN max
The operation of the VFC320 as a highly linear frequency-
to-voltage converter, follows the same theory of operation as
the voltage-to-frequency converter. e1 and e2 are shorted and
FIN is disconnected from VOUT. FIN is then driven with a
signal which is sufficient to trigger comparator A. The one-
shot period will then be determined by C1 as before, but the
cycle repetition frequency will be dictated by the digital
input at FIN.
DUTY CYCLE
The duty cycle (D) of the VFC is the ratio of the one-shot
period (t2) or pulse width, PW, to the total VFC period (t1 +
t2). For the VFC320, t2 is fixed and t1 + t2 varies as the input
voltage. Thus the duty cycle, D, is a function of the input
voltage. Of particular interest is the duty cycle at full scale
frequency, DFS, which occurs at full scale input. DFS is a user
determined parameter which affects linearity.
D
t
tt
PW f
FS
FS
=
+
=•
2
12
Best linearity is achieved when DFS is 25%. By reducing
equations (7) and (9) it can be shown that
DFS =
=
Thus DFS = 0.25 corresponds to IIN max = 0.25mA.
INSTALLATION AND
OPERATING INSTRUCTIONS
VOLTAGE-TO-FREQUENCY CONVERSION
The VCF320 can be connected to operate as a V/F converter
that will accept either positive or negative input voltages, or
an input current. Refer to Figures 6 and 7.
FIGURE 7. Connection Diagram for V/F Conversion,
Negative Input Voltages.
EXTERNAL COMPONENT SELECTION
In general, the design sequence consists of: (1) choosing
fMAX, (2) choosing the duty cycle at full scale (DFS = 0.25
typically), (3) determining the input resistor, R1 (Figure 4),
(4) calculating the one-shot capacitor, C1, (5) selecting the
integrator capacitor C2, and (6) selecting the output pull-up
resistor, R2.
Input Resistors R1 and R3
The input resistance (R1 and R3 in Figures 6 and 7) is
calculated to set the desired input current at full scale input
voltage. This is normally 0.25mA to provide a 25% duty
cycle at full scale input and output. Values other than DFS =
0.25 may be used but linearity will be affected.
The nominal value is R1 is
R1 =
If gain trimming is to be done, the nominal value is reduced
by the tolerance of C1 and the desired trim range. R1 should
have a very-low temperature coefficient since its drift adds
directly to the errors in the transfer function.
One-Shot Capacitor, C1
This capacitor determines the duration of the one-shot pulse.
From equation (9) the nominal value is
C1 NOM =
For the usual 25% duty at fMAX = VIN/R1 = 0.25mA there is
approximately 15pF of residual capacitance so that the
design value is
C1(pF) =
– 15
(11)
(12)
(10)
V
IN max / R1
1mA
1mA
0.25mA
V
INmax
V
IN
7.5 R
1 fOUT
33 • 106
f
FS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Input
Amp
One-
shot
NC
NC
–V
CC
(1)
NC
NC
NC
+V
CC
(1)
V
IN
C
2
Integrator Capacitor
Gain Adjustment
I
IN
R
3
R
1
R
5
R
4
+15V
–15V
One-shot
Capacitor
C
1
R
2
+V
PU
f
OUT
NOTE: (1) Bypass with 0.01µF
Pin numbers in squares
refer to DIP package.
Offset Adj.
FIGURE 6. Connection Diagram for V/F Conversion,
Positive Input Voltages.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Input
Amp
One-
shot
NC
NC
–V
CC
(1)
NC
NC
NC
+V
CC
(1)
C
2
Integrator Capacitor
Gain Adjustment
I
IN
R
1
R
3
R
5
R
4
+15V
–15V
One-shot
capacitor
C
1
R
2
+V
PU
f
OUT
NOTE: (1) Bypass with 0.01µF
Pin numbers in squares
refer to DIP package.
Offset Adj.
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com