Electronic Components Datasheet Search
  English  ▼

X  

VFC320 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # VFC320
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VFC320 Datasheet(HTML) 1 Page - Texas Instruments

  VFC320 Datasheet HTML 1Page - Texas Instruments VFC320 Datasheet HTML 2Page - Texas Instruments VFC320 Datasheet HTML 3Page - Texas Instruments VFC320 Datasheet HTML 4Page - Texas Instruments VFC320 Datasheet HTML 5Page - Texas Instruments VFC320 Datasheet HTML 6Page - Texas Instruments VFC320 Datasheet HTML 7Page - Texas Instruments VFC320 Datasheet HTML 8Page - Texas Instruments VFC320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Voltage-to-Frequency
and Frequency-to-Voltage
CONVERTER
FEATURES
q HIGH LINEARITY: 12 to 14 bits
±0.005% max at 10kHz FS
±0.03% max at 100kHz FS
±0.1% typ at 1MHz FS
q V/F OR F/V CONVERSION
q 6-DECADE DYNAMIC RANGE
q GAIN DRIFT: 20ppm/
°C max
q OUTPUT TTL/CMOS COMPATIBLE
APPLICATIONS
q INEXPENSIVE A/D AND D/A CONVERTER
q DIGITAL PANEL METERS
q TWO-WIRE DIGITAL TRANSMISSION WITH
NOISE IMMUNITY
q FM MOD/DEMOD OF TRANSDUCER
SIGNALS
q PRECISION LONG TERM INTEGRATOR
q HIGH RESOLUTION OPTICAL LINK FOR
ISOLATION
q AC LINE FREQUENCY MONITOR
q MOTOR SPEED MONITOR AND CONTROL
Comparators
–7.5V Ref
Flip-
flop
Common
f
OUT
f
IN
One-shot
V
OUT
+V
CC
–In
+In
–V
CC
C
1
DESCRIPTION
The VFC320 monolithic voltage-to-frequency and frequency-to-
voltage converter provides a simple low cost method of convert-
ing analog signals into digital pulses. The digital output is an
open collector and the digital pulse train repetition rate is propor-
tional to the amplitude of the analog input voltage. Output pulses
are compatible with TTL, and CMOS logic families.
High linearity (0.005%, max at 10kHz FS) is achieved with
relatively few external components. Two external resistors and
two external capacitors are required to operate. Full scale fre-
quency and input voltage are determined by a resistor in series
with –In and two capacitors (one-shot timing and input amplifier
integration). The other resistor is a non-critical open collector
pull-up (fOUT to +VCC). The VFC320 is available in two perfor-
mance grades. The VFC320 is specified for the –25
°C to +85°C,
range.
VFC320
SBVS017A – AUGUST 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1982, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VFC320


Similar Part No. - VFC320

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 TI2-VFC320 Datasheet
305Kb / 13P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
AUGUST 2001
logo
Burr-Brown (TI)
VFC320BG BURR-BROWN-VFC320BG Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
VFC320BG TI-VFC320BG Datasheet
233Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results

Similar Description - VFC320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com