Electronic Components Datasheet Search
  English  ▼

X  

MP7680 Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 3 Page - Exar Corporation

  MP7680 Datasheet HTML 1Page - Exar Corporation MP7680 Datasheet HTML 2Page - Exar Corporation MP7680 Datasheet HTML 3Page - Exar Corporation MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP7680
3
Rev. 3.10
PIN CONFIGURA
TIONS
15
16
17
18
19
20
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
40
39
38
37
36
35
34
33
32
31
11
12
13
14
30
29
28
27
A1
XFER
WR2
WR1
CS
NC
VREFA
RFBA
IOUT1A
IOUT2A
IOUT2B
IOUT1B
RFBB
VREFB
(MSB) DB11
DB10
DB9
DB8
DB7
DB6
A0
B1/B2
DVDD
AVDD
DGND
AGND
VREFD
RFBD
IOUT1D
IOUT2D
IOUT2C
IOUT1C
RFBC
VREFC
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
40 Pin PDIP , (0.600”)
33
23
22
12
1
11
34
44
44 Pin PQFP
See the following
page for
pin descriptions
DGND
AV DD
DVDD
B1/B2
AO
NC
A1
XFER
WR2
WR1
CS
DB1
DB2
DB3
DB4
DB5
NC
DB6
DB7
DB8
DB9
DB10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com