Electronic Components Datasheet Search
  English  ▼

X  

MP7680 Datasheet(PDF) 8 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation MP7680 Datasheet HTML 10Page - Exar Corporation MP7680 Datasheet HTML 11Page - Exar Corporation MP7680 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP7680
8
Rev. 3.10
MUX
0
1
DAC
B1
Latch
B2
Latch
D
E
Q
D
E
Q
D
E
Q
12
4
8
8
4
12
4
8
8
4
DAC
B1
Latch
B2
Latch
D
E
Q
D
E
Q
D
E
Q
12
4
8
8
4
DAC
B1
Latch
B2
Latch
D
E
Q
D
E
Q
D
E
Q
12
4
8
8
4
DAC
B1
Latch
B2
Latch
D
E
Q
D
E
Q
D
E
Q
Latch
Address
Decoder
DA11 - DA0
LA11 - LA0
DAC LA TCHES
INPUT LA TCHES
DB11-DB4
(MSB)
DB3-DB0
(LSB)
B1/B2
A1 (MSB)
A0 (LSB)
CS
WR1
WR2
XFER
DB11-
DB8
Enable A
Enable B
Enable C
Enable D
DB11 - DB0
DC11 - DC0
DD11 - DD0
Transfer
Disable-B1
RFBA
RFBB
RFBC
RFBD
IOUT1A
IOUT2A
IOUT1B
IOUT2B
IOUT1C
IOUT2C
IOUT1D
IOUT2D
VREFA
VREFB
VREFC
VREFD
Figure 3. Latches
Control
Logic
THEOR Y OF OPERA TION
Digital Interface
Figure 3.
shows the internal control logic. The logic that
controls the writing of the input latches and the one that
controls the DAC latches are completely separated. It is
easy to understand how the MP7680/80A works by
understanding each basic operation.
W riting to Input Latches
By keeping B1/B2 = high, a 12-bit bus has direct access to
the 12 bits of the input latches. The condition CS = WR1 =
0 loads the values contained in the data bus DB11-DB0
into the input latch addresses by A1, A0 (Figure 4. ,
Table 1.
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com