Electronic Components Datasheet Search
  English  ▼

X  

PL602-37 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL602-37
Description  750kHz ??800MHz Low Phase Noise Multiplier XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-37 Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL602-37 Datasheet HTML 1Page - Micrel Semiconductor PL602-37 Datasheet HTML 2Page - Micrel Semiconductor PL602-37 Datasheet HTML 3Page - Micrel Semiconductor PL602-37 Datasheet HTML 4Page - Micrel Semiconductor PL602-37 Datasheet HTML 5Page - Micrel Semiconductor PL602-37 Datasheet HTML 6Page - Micrel Semiconductor PL602-37 Datasheet HTML 7Page - Micrel Semiconductor PL602-37 Datasheet HTML 8Page - Micrel Semiconductor PL602-37 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PL602-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/07/2012 Page 5
4. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
Period Jitter,
RMS
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
155.52MHz
4.3
ps
622.08MHz
5.0
Period Jitter,
Peak-to-Peak
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
155.52MHz
35
ps
622.08MHz
45
Integrated Jitter,
RMS
Integrated 12 kHz to 20 MHz
155.52MHz
2.4
ps
622.08MHz
2.5
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
Phase Noise,
relative to carrier
(typical)
155.52MHz
-63
-93
-117
-126
-123
dBc/Hz
622.08MHz
-52
-83
-105
-113
-110
6. LVCMOS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output drive current
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
2.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com