Electronic Components Datasheet Search
  English  ▼

X  

PL602-37 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL602-37
Description  750kHz ??800MHz Low Phase Noise Multiplier XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-37 Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL602-37 Datasheet HTML 1Page - Micrel Semiconductor PL602-37 Datasheet HTML 2Page - Micrel Semiconductor PL602-37 Datasheet HTML 3Page - Micrel Semiconductor PL602-37 Datasheet HTML 4Page - Micrel Semiconductor PL602-37 Datasheet HTML 5Page - Micrel Semiconductor PL602-37 Datasheet HTML 6Page - Micrel Semiconductor PL602-37 Datasheet HTML 7Page - Micrel Semiconductor PL602-37 Datasheet HTML 8Page - Micrel Semiconductor PL602-37 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PL602-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/07/2012 Page 4
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
ESD Protection, Human Body Model
2.5
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product
reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this
specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
12
25
MHz
Crystal Loading Rating
CL (xtal)
20
pF
Recommended ESR
RE
AT cut
30
Ω
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
LVPECL/LVDS/
LVCMOS
FOUT <24MHz
60/28/15
mA
24MHz< FOUT <96MHz
65/45/30
96MHz< FOUT <800MHz
100/80/40
Operating
Voltage
VDD
2.97
3.63
V
Output Clock
Duty Cycle
@ 50% VDD (LVCMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (LVPECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit
Current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com