Electronic Components Datasheet Search
  English  ▼

X  

PL500-37SC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL500-37SC
Description  Low Phase Noise VCXO (36MHz to 130MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-37SC Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL500-37SC Datasheet HTML 1Page - Micrel Semiconductor PL500-37SC Datasheet HTML 2Page - Micrel Semiconductor PL500-37SC Datasheet HTML 3Page - Micrel Semiconductor PL500-37SC Datasheet HTML 4Page - Micrel Semiconductor PL500-37SC Datasheet HTML 5Page - Micrel Semiconductor PL500-37SC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(Preliminary)
PL500-37
Low Phase Noise VCXO (36MHz to 130MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 09/09/05 Page 3
2. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
36
130
MHz
Output Clock Rise/Fall Time
0.8V ~ 2.0V, 10 pF load
1.15
ns
0.3V ~ 3.0V, 15 pF load
3.7
Output Clock Duty Cycle
Measured @ 1.4V
45
50
55
%
Short Circuit Current
50
mA
3. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current,
Dynamic, with
Loaded Outputs
IDD
78MHz, 15pF output load, 3.3V
7.2
9
mA
78MHz, 15pF output load, 2.5V
5.2
7
Allowable output
load capacitance
CL
(Output)
8mA drive up to 100MHz
15
pF
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage
at CMOS level
VOLC
IOL = +4mA
0.4
V
Output High Voltage
at CMOS level
VOHC
IOH = -4mA
VDD – 0.4
V
Output drive current
For VOL<0.4V or VOH>2.4V
8
mA
Short Circuit Current
50
mA
VCXO Control
Voltage
VCON
0
VDD
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com