Electronic Components Datasheet Search
  English  ▼

X  

PL500-37SC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL500-37SC
Description  Low Phase Noise VCXO (36MHz to 130MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-37SC Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL500-37SC Datasheet HTML 1Page - Micrel Semiconductor PL500-37SC Datasheet HTML 2Page - Micrel Semiconductor PL500-37SC Datasheet HTML 3Page - Micrel Semiconductor PL500-37SC Datasheet HTML 4Page - Micrel Semiconductor PL500-37SC Datasheet HTML 5Page - Micrel Semiconductor PL500-37SC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(Preliminary)
PL500-37
Low Phase Noise VCXO (36MHz to 130MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 09/09/05 Page 4
4. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 36 – 130MHz;
XTAL C0/C1 < 250
0V
 VCON  3.3V
300
ppm
CLK output pullability
VCON=1.65V, 1.65V
150
ppm
VCXO Tuning Characteristic
100
ppm/V
Pull range linearity
5
%
Power Supply Rejection
PWSRR
Frequency change with
VDD varied +/- 10%
-1
+1
ppm
VCON pin input impedance
5000
kΩ
VCON modulation BW
0V
 VCON  3.3V, -3dB
25
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limi ts.
5. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
36
130
MHz
Crystal Loading Rating
CL (xtal)
(see note
below)
VCON = 1.65V, 3.3 V
5.1
pF
VCON = 1.25V, 2.5V
5.7
Maximum Sustainable
Drive Level
200
Operating Drive Level
50
Max C0
2.5
pF
C0/C1
250
-
ESR
RS
C0 ≤ 2.0pF, FXIN up to 85MHz
C0 ≤ 2.5pF, FXIN up to 80MHz
C0 ≤ 3.0pF, FXIN up to 75MHz
30
C0 ≤ 2.0pF, FXIN up to 95MHz
C0 ≤ 2.5pF, FXIN up to 90MHz
C0 ≤ 3.0pF, FXIN up to 85MHz
25
C0 ≤ 2.0pF, FXIN up to 110MHz
C0 ≤ 2.5pF, FXIN up to 105MHz
C0 ≤ 3.0pF, FXIN up to 100MHz
20
C0 ≤ 2.0pF, FXIN up to 130MHz
C0 ≤ 2.5pF, FXIN up to 120MHz
C0 ≤ 3.0pF, FXIN up to 115MHz
15
Note: The crystal must be such that it oscillates (parallel resonant) at nominal frequency when presented a C Load as specified above.
If the crystal requires more load to be at nominal frequency, the additional load must be added externally. This ho wever may reduce the pull range.
Note that the Cload values above are for the IC only, and do not include PCB parasitics. Crystal specifications for Cload include PCB paras itics.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com