Electronic Components Datasheet Search
  English  ▼

X  

ADM7150 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM7150
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM7150 Datasheet HTML 5Page - Analog Devices ADM7150 Datasheet HTML 6Page - Analog Devices ADM7150 Datasheet HTML 7Page - Analog Devices ADM7150 Datasheet HTML 8Page - Analog Devices ADM7150 Datasheet HTML 9Page - Analog Devices ADM7150 Datasheet HTML 10Page - Analog Devices ADM7150 Datasheet HTML 11Page - Analog Devices ADM7150 Datasheet HTML 12Page - Analog Devices ADM7150 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 8 of 22
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
VIN (V)
ILOAD =0mA
ILOAD =10mA
ILOAD = 100mA
ILOAD = 600mA
ILOAD = 1200mA
ILOAD = 2000mA
Figure 11. Ground Current (IGND) vs. Input Voltage (VIN)
at Various Loads, VOUT = 3.3 V
0
0.05
0.10
0.15
0.20
0.25
10m
100
1
10
ILOAD (A)
Figure 12. Dropout Voltage (VDROPOUT) vs. Load Current (ILOAD), VOUT = 3.3 V
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.03.13.23.33.43.53.63.7
3.8
VIN (V)
ILOAD =0mA
ILOAD =10mA
ILOAD =100mA
ILOAD =600mA
ILOAD =1200mA
ILOAD =2000mA
Figure 13. Output Voltage (VOUT) vs. Input Voltage (VIN) at Various Loads in
Dropout, VOUT = 3.3 V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
VIN (V)
ILOAD =0mA
ILOAD =10mA
ILOAD =100mA
ILOAD =600mA
ILOAD =1200mA
ILOAD =2000mA
Figure 14. Ground Current (IGND) vs. Input Voltage (VIN) at Various Loads in
Dropout, VOUT = 3.3 V
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (ºC)
ILOAD =0mA
ILOAD =10mA
ILOAD =100mA
ILOAD =600mA
ILOAD =1200mA
ILOAD =2000mA
Figure 15. Output Voltage (VOUT) vs. Temperature at Various Loads, VOUT = 1.8 V
0.1m
1m
10m
100m
1
10
ILOAD (A)
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
Figure 16. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com