Electronic Components Datasheet Search
  English  ▼

X  

ADM7150 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM7150
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM7150 Datasheet HTML 15Page - Analog Devices ADM7150 Datasheet HTML 16Page - Analog Devices ADM7150 Datasheet HTML 17Page - Analog Devices ADM7150 Datasheet HTML 18Page - Analog Devices ADM7150 Datasheet HTML 19Page - Analog Devices ADM7150 Datasheet HTML 20Page - Analog Devices ADM7150 Datasheet HTML 21Page - Analog Devices ADM7150 Datasheet HTML 22Page - Analog Devices ADM7150 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 18 of 22
Table 7 shows the typical θJA values of the 8-lead SOIC and
10-lead LFCSP packages for various PCB copper sizes. Table 8
shows the typical ΨJB values of the 8-lead SOIC and 10-lead
LFCSP.
Table 7. Typical θJA Values
θJA (°C/W)
Copper Size (mm2)
10-Lead LFCSP
8-Lead SOIC
251
130.2
123.8
100
93.0
90.4
500
65.8
66.0
1000
55.6
56.6
6400
44.1
45.5
1 Device soldered to minimum size pin traces.
Table 8. Typical ΨJB Values
Package
ΨJB (°C/W)
10-Lead LFCSP
29.1
8-Lead SOIC
30.1
Calculate the junction temperature (TJ) of the ADP7158 from
the following equation:
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
(3)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation caused by ground current is quite small and
can be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + (((VIN − VOUT) × ILOAD) × θJA)
(4)
As shown in Equation 4, for a given ambient temperature, input
to output voltage differential, and continuous load current, a
minimum copper size requirement exists for the PCB to ensure
that the junction temperature does not rise above 125°C.
The heat dissipation from the package can be improved by increas-
ing the amount of copper attached to the pins and exposed pad
of the ADP7158. Adding thermal planes underneath the package
also improves thermal performance. However, as shown in Table 7,
a point of diminishing returns is eventually reached, beyond
which an increase in the copper area does not yield significant
reduction in the junction to ambient thermal resistance.
Figure 54 to Figure 59 show junction temperature calculations
for various ambient temperatures, power dissipation, and areas
of PCB copper.
0
20
40
60
80
100
120
140
0 0.20.40.6 0.81.01.21.41.6 1.82.02.22.42.6 2.83.0
TOTAL POWER DISSIPATION (W)
6400mm2
500mm2
25mm2
TJ MAX
Figure 54. Junction Temperature vs. Total Power Dissipation for
the 10-Lead LFCSP, TA = 25°C
20
40
60
80
100
120
140
0
0.2 0.40.60.81.01.21.4 1.61.82.02.22.42.6
TOTAL POWER DISSIPATION (W)
6400mm2
500mm2
25mm2
TJ MAX
Figure 55. Junction Temperature vs. Total Power Dissipation for
the 10-Lead LFCSP, TA = 50°C
0
0.10.20.30.40.50.60.7
0.9
0.8
1.0
TOTAL POWER DISSIPATION (W)
6400mm2
500mm2
25mm2
TJ MAX
80
85
90
95
100
105
110
115
120
125
130
Figure 56. Junction Temperature vs. Total Power Dissipation for
the 10-Lead LFCSP, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com