Electronic Components Datasheet Search
  English  ▼

X  

ADM7155 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM7155
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM7155 Datasheet HTML 2Page - Analog Devices ADM7155 Datasheet HTML 3Page - Analog Devices ADM7155 Datasheet HTML 4Page - Analog Devices ADM7155 Datasheet HTML 5Page - Analog Devices ADM7155 Datasheet HTML 6Page - Analog Devices ADM7155 Datasheet HTML 7Page - Analog Devices ADM7155 Datasheet HTML 8Page - Analog Devices ADM7155 Datasheet HTML 9Page - Analog Devices ADM7155 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
ADP7157
Rev. A | Page 5 of 23
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN to Ground
−0.3 V to +7 V
VREG to Ground
−0.3 V to VIN or +4 V
(whichever is less)
VOUT to Ground
−0.3 V to VREG or +4 V
(whichever is less)
VOUT_SENSE to Ground
−0.3 V to VREG or +4 V
(whichever is less)
VOUT to VOUT_SENSE
±0.3 V
BYP to VOUT
±0.3 V
EN to Ground
−0.3 V to +7 V
BYP to Ground
−0.3 V to VREG or +4 V
(whichever is less)
REF to Ground
−0.3 V to VREG or +4 V
(whichever is less)
REF_SENSE to Ground
−0.3 V to +4 V
Storage Temperature Range
−65°C to +150°C
Operational Junction Temperature
Range
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination. The ADP7157 can be damaged when the junction
temperature limits are exceeded. Monitoring ambient temperature
does not guarantee that TJ is within the specified temperature
limits. In applications with high power dissipation and poor
thermal resistance, the maximum ambient temperature may
need to be derated.
In applications with moderate power dissipation and low
printed circuit board (PCB) thermal resistance, the maximum
ambient temperature can exceed the maximum limit as long as
the junction temperature is within specification limits. The
junction temperature (TJ) of the device is dependent on the
ambient temperature (TA), the power dissipation of the device
(PD), and the junction to ambient thermal resistance of the
package (θJA).
The maximum TJ is calculated from the TA and the PD using the
following formula:
TJ = TA + (PD × θJA)
The junction to ambient thermal resistance (θJA) of the package
is based on modeling and calculation using a 4-layer board. The
junction to ambient thermal resistance is highly dependent on
the application and board layout. In applications where high
maximum power dissipation exists, close attention to thermal
board design is required. The θJA value may vary, depending on
PCB material, layout, and environmental conditions. The specified
θJA values are based on a 4-layer, 4 in. × 3 in. circuit board. See
the JESD51-7 standard and the JESD51-9 standard for detailed
information on the board construction.
ΨJB is the junction to board thermal characterization parameter
with units of °C/W. ΨJB of the package is based on modeling and
calculation using a 4-layer board. JESD51-12, Guidelines for
Reporting and Using Electronic Package Thermal Information,
states that thermal characterization parameters are not the same
as thermal resistances. ΨJB measures the component power
flowing through multiple thermal paths rather than a single
path as in thermal resistance, θJB. Therefore, ΨJB thermal paths
include convection from the top of the package as well as
radiation from the package, factors that make ΨJB more useful
in real-world applications. Use the board temperature (TB) and
power dissipation (PD) to calculate the maximum junction
temperature (TJ) by
TJ = TB + (PD × ΨJB)
See the JESD51-8 standard and the JESD51-12 standard for
more detailed information about ΨJB.
THERMAL RESISTANCE
θJA, θJC, and ΨJB are specified for the worst case conditions, that
is, a device soldered in a circuit board for surface-mount
packages.
Table 5. Thermal Resistance
Package Type
θ
JA
θ
JC
Ψ
JB
Unit
10-Lead LFCSP
53.8
15.6
29.1
°C/W
8-Lead SOIC
50.4
42.3
30.1
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com