Electronic Components Datasheet Search
  English  ▼

X  

ADM7155 Datasheet(PDF) 24 Page - Analog Devices

Part # ADM7155
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM7155 Datasheet HTML 16Page - Analog Devices ADM7155 Datasheet HTML 17Page - Analog Devices ADM7155 Datasheet HTML 18Page - Analog Devices ADM7155 Datasheet HTML 19Page - Analog Devices ADM7155 Datasheet HTML 20Page - Analog Devices ADM7155 Datasheet HTML 21Page - Analog Devices ADM7155 Datasheet HTML 22Page - Analog Devices ADM7155 Datasheet HTML 23Page - Analog Devices ADM7155 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Data Sheet
ADP7157
Rev. A | Page 23 of 23
ORDERING GUIDE
Model1, 2
Temperature Range
Output Voltage Range (V)
Package Description
Package Option
Branding
ADP7157ACPZ-01-R7
−40°C to +125°C
1.2 to 1.8
10-Lead LFCSP
CP-10-9
LSX
ADP7157ACPZ-02-R7
−40°C to +125°C
1.2 to 2.3
10-Lead LFCSP
CP-10-9
LT0
ADP7157ACPZ-03-R7
−40°C to +125°C
1.2 to 2.9
10-Lead LFCSP
CP-10-9
LT1
ADP7157ACPZ-04-R7
−40°C to +125°C
1.2 to 3.3
10-Lead LFCSP
CP-10-9
LT2
ADP7157ARDZ-01-R7
−40°C to +125°C
1.2 to 1.8
8-Lead SOIC_N_EP
RD-8-1
ADP7157ARDZ-02-R7
−40°C to +125°C
1.2 to 2.3
8-Lead SOIC_N_EP
RD-8-1
ADP7157ARDZ-03-R7
−40°C to +125°C
1.2 to 2.9
8-Lead SOIC_N_EP
RD-8-1
ADP7157ARDZ-04-R7
−40°C to +125°C
1.2 to 3.3
8-Lead SOIC_N_EP
RD-8-1
ADP7157CP-04-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 To order a device with voltage options other than the listed options, contact your local Analog Devices sales or distribution representative.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12938-0-5/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com