Electronic Components Datasheet Search
  English  ▼

X  

SIW1711FIF Datasheet(PDF) 6 Page - RF Micro Devices

Part # SIW1711FIF
Description  BLUETOOTH RADIO MODEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1711FIF Datasheet(HTML) 6 Page - RF Micro Devices

Back Button SIW1711FIF Datasheet HTML 2Page - RF Micro Devices SIW1711FIF Datasheet HTML 3Page - RF Micro Devices SIW1711FIF Datasheet HTML 4Page - RF Micro Devices SIW1711FIF Datasheet HTML 5Page - RF Micro Devices SIW1711FIF Datasheet HTML 6Page - RF Micro Devices SIW1711FIF Datasheet HTML 7Page - RF Micro Devices SIW1711FIF Datasheet HTML 8Page - RF Micro Devices SIW1711FIF Datasheet HTML 9Page - RF Micro Devices SIW1711FIF Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 12
SiW1711
60 0047 R00Grf SiW1711 Radio Modem IC DS
Transmitter Specification1
(VBATT_ANA, VBATT_DIG = 3.3 V, VCC = int. analog reg. output, and nominal Bluetooth test conditions)
Industrial Temperature Performance1
(VBATT_ANA, VBATT_DIG=3.3V and extreme Bluetooth test conditions)
Parameter
Description
Min
Typ
Max
Units
Output RF
transmit power
At maximum power output level
-2.0
+2.0
+6.0
dBm
Modulation
Characteristics2
∆f1avg
140.0
-155.0
-175.0
kHz
∆f2max (For at least 99.9% of all ∆f2max)
-115.0
–
–
kHz
∆f1avg/∆f2avg
-0.8
–
–
kHz
Initial carrier
frequency
accuracy
–
-75.0
–
+75.0
kHz
Carrier frequency drift
One slot packet
-25.0
–
+25.0
kHz
Two slot packet
-40.0
–
+40.0
kHz
Five slot packet
-40.0
–
+40.0
kHz
Max drift rate
–
–
400
Hz/
µs
20 dB occupied bandwidth
Bluetooth specification
–
900
1000
kHz
In-band spurious emission
2MHz offset
–
-74.0
-55.0
dBm
>3MHz offset
–
-74.0
-55.0
dBm
Out-of-band
spurious
emission
30MHz to 1GHz, operating mode
–
-70.0
-55.0
dBm
1GHz to 12.75GHz, operating mode3
–
-70.0
-50.0
dBm
1.8GHz to 1.9GHz
–
–
-62.0
dBm
5.15GHz to 5.3GHz
–
–
-47.0
dBm
1Measured with a proper matching circuit without bandpass filter.
2The modulation characteristic is measured as per test TRM/CA/07/C defined in the Bluetooth Test Specification.
3Except transmit harmonics.
Parameter
Description
Min
Typ
Max
Units
Receiver
sensitivity
BER<0.1%
–
-85.0
-75.0
dBm
Output RF transmit power
At maximum power output level
-4.0
+2.0
+6.0
dBm
Modulation
Characteristics2
∆f1avg
140.0
155.0
175.0
kHz
∆f2max (For at least 99.9% of all ∆f2max)
115.0
–
–
kHz
∆f1avg/∆f2avg
0.8
–
–
kHz
Initial carrier frequency
accuracy
–
-75.0
–
+75.0
kHz
Carrier frequency drift
One slot packet
-25.0
–
+25.0
kHz
Two slot packet
-40.0
–
+40.0
kHz
Five slot packet
-40.0
–
+40.0
kHz
Max drift rate
–
–
+400
Hz/µs
20 dB occupied bandwidth
Bluetooth specification
–
900
1000
kHz
In-band spurious emission
2MHz offset
–
-74.0
-40.0
dBm
>3MHz offset
–
-74.0
-55.0
dBm
Out-of-band
spurious
emission
30MHz to 1GHz, operating mode
–
-70.0
-55.0
dBm
1GHz to 12.75GHz, operating mode3
–
-70.0
-40.0
dBm
1.8GHz to 1.9GHz
–
–
-62.0
dBm
5.15GHz to 5.3GHz
–
–
-47.0
dBm
1Measured with a proper matching circuit without bandpass filter.
2The modulation characteristic is measured as per test TRM/CA/07/C defined in the Bluetooth Test Specification.
3Except transmit harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com