Electronic Components Datasheet Search
  English  ▼

X  

SIW1711FIF Datasheet(PDF) 10 Page - RF Micro Devices

Part # SIW1711FIF
Description  BLUETOOTH RADIO MODEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1711FIF Datasheet(HTML) 10 Page - RF Micro Devices

Back Button SIW1711FIF Datasheet HTML 2Page - RF Micro Devices SIW1711FIF Datasheet HTML 3Page - RF Micro Devices SIW1711FIF Datasheet HTML 4Page - RF Micro Devices SIW1711FIF Datasheet HTML 5Page - RF Micro Devices SIW1711FIF Datasheet HTML 6Page - RF Micro Devices SIW1711FIF Datasheet HTML 7Page - RF Micro Devices SIW1711FIF Datasheet HTML 8Page - RF Micro Devices SIW1711FIF Datasheet HTML 9Page - RF Micro Devices SIW1711FIF Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 12
SiW1711
60 0047 R00Grf SiW1711 Radio Modem IC DS
Packaging and Product Marking
Package Drawing
32-Pin, QFN Drawing and Dimensions
Symbol
Min
Nom
Max
Notes:
A
0.8
–
1.0
1. Coplanarity applies to leads, corner leads, and die attach pads.
A1
0
–
0.05
2. All dimensions in mm.
A2
0.75
–
1.0
b
0.18
0.25
0.3
D
5 BSC
E
5 BSC
e
0.5 BSC
J3.52
3.62
3.72
K3.52
3.62
3.72
L
0.35
0.4
0.45
C
A
B
0.1 M
32X b
32X L
16
9
25
32
1
8
17
24
K
B
A
C
0.1
e
e/2
N
J
B
A
C
0.1
VIEW M-M
EXPOSED DIE
ATTACH PAD
A1
A2
A
SEATING PLANE C
C
0.08
C
0.1
DETAIL G
VIEW ROTATED 90° CLOCKWISE
PIN 1 I.D.
DETAIL N
G
M
M
PIN 1 CORNER
A
D
B
C
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com