Electronic Components Datasheet Search
  English  ▼

X  

SN54AS244 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54AS244
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS244 Datasheet(HTML) 1 Page - Texas Instruments

  SN54AS244 Datasheet HTML 1Page - Texas Instruments SN54AS244 Datasheet HTML 2Page - Texas Instruments SN54AS244 Datasheet HTML 3Page - Texas Instruments SN54AS244 Datasheet HTML 4Page - Texas Instruments SN54AS244 Datasheet HTML 5Page - Texas Instruments SN54AS244 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN54ALS244B, SN54AS244, SN74ALS244B, SN74AS244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDAS142 – D2661, DECEMBER 1982 – REVISED JULY 1987
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1987, Texas Instruments Incorporated
1
• 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
• PNP inputs Reduce DC Loading
• Package Options include Plastic Small
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
• Dependable Texas instruments Quality and
Reliability
description
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and transmit-
ters.
Taken
together
with
the
’ALS240A,
’ALS241A, ’AS240, and ’AS241, these devices
provide the choice of selected combinations of
inverting outputs, symmetrical G (active-low input
control) inputs, and complementary G and G
inputs.
The –1 version of the SN74ALS244B is identical
to
the
standard
version
except
that
the
recommended maximum IOL is increased to
48
mA.
There
is
no
–1
version
of
the
SN54ALS244B.
The SN54ALS244B and SN54AS244 are characterized for operation over the full military temperature range
of – 55
°C to 125°C. The SN74ALS244B and SN74AS244 are characterized for operation from 0°C to 70°C.
logic symbol†
19
11
13
15
17
2G
2A1
2A2
2A3
2A4
9
7
5
3
2Y1
2Y2
2Y3
2Y4
EN
EN
1Y4
1Y3
1Y2
1Y1
12
14
16
18
1A4
1A3
1A2
1A1
1G
8
6
4
2
1
†This is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1Y4
1Y3
1Y2
1Y1
12
14
16
18
1A4
1A3
1A2
1A1
1G
8
6
4
2
1
2A4
2A3
2A2
2A1
2G
17
15
13
11
19
1Y4
1Y3
1Y2
1Y1
3
5
7
9
Pin numbers are for DW, J, and N packages.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
SN54ALS244B, SN54AS244 ...J PACKAGE
SN74ALS244B, SN74AS244 . . . DW OR N PACKAGE
(TOP VIEW)
SN54ALS244B, SN54AS244 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1G
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2G
1Y1
A24
1Y2
2A3
1Y3
2A2
1Y4
2A1
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4


Similar Part No. - SN54AS244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS244A TI-SN54AS244A Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AS244A TI1-SN54AS244A Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
SN54AS244A TI1-SN54AS244A Datasheet
1Mb / 25P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
REVISED AUGUST 1995
SN54AS244AFK TI-SN54AS244AFK Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AS244AJ TI-SN54AS244AJ Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54AS244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_08 Datasheet
635Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com