Electronic Components Datasheet Search
  English  ▼

X  

SN54AS244 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54AS244
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS244 Datasheet(HTML) 3 Page - Texas Instruments

  SN54AS244 Datasheet HTML 1Page - Texas Instruments SN54AS244 Datasheet HTML 2Page - Texas Instruments SN54AS244 Datasheet HTML 3Page - Texas Instruments SN54AS244 Datasheet HTML 4Page - Texas Instruments SN54AS244 Datasheet HTML 5Page - Texas Instruments SN54AS244 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54ALS244B, 2N74ALS244B
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDAS142 – D2661, DECEMBER 1982 – REVISED JULY 1987
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
switching characteristics (see Note 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN54AS244
SN74AS244
MIN
MAX
MIN
MAX
tPLH
A
Y
1
16
3
10
ns
tPHL
A
Y
3
12
3
10
ns
tPZH
G
Y
1
26
3
20
ns
tPZL
G
Y
1
24
3
20
ns
tPHZ
G
Y
2
10
3
10
ns
tPLZ
G
Y
1
26
3
13
ns
† For conditions shown MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 1: Load circuit and voltage waveforms are shown in Section 1 of the
ALS/AS Logic Data Book, 1986.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com