Electronic Components Datasheet Search
  English  ▼

X  

CDK1307 Datasheet(PDF) 4 Page - Exar Corporation

Part # CDK1307
Description  Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK1307 Datasheet(HTML) 4 Page - Exar Corporation

  CDK1307 Datasheet HTML 1Page - Exar Corporation CDK1307 Datasheet HTML 2Page - Exar Corporation CDK1307 Datasheet HTML 3Page - Exar Corporation CDK1307 Datasheet HTML 4Page - Exar Corporation CDK1307 Datasheet HTML 5Page - Exar Corporation CDK1307 Datasheet HTML 6Page - Exar Corporation CDK1307 Datasheet HTML 7Page - Exar Corporation CDK1307 Datasheet HTML 8Page - Exar Corporation CDK1307 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
4/15
Rev 1B
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper device
function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
AVDD
-0.3
+2.3
V
DVDD
-0.3
+2.3
V
AVSS, DVSSCK, DVSS, OVSS
-0.3
+0.3
V
OVDD, OVSS
-0.3
+3.9
V
CLKP, CLKN
-0.3
+3.9
V
Analog inputs and outpts (IPx, INx)
-0.3
+2.3
V
Digital inputs
-0.3
+3.9
V
Digital outputs
-0.3
+3.9
V
Reliability Information
Parameter
Min
Typ
Max
Unit
Junction Temperature
TBD
°C
Storage Temperature Range
-60
+150
°C
Lead Temperature (Soldering, 10s)
J-STD-020
ESD Protection
Product
QFN-40
Human Body Model (HBM)
2kV
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com