Electronic Components Datasheet Search
  English  ▼

X  

CDK1307 Datasheet(PDF) 6 Page - Exar Corporation

Part # CDK1307
Description  Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK1307 Datasheet(HTML) 6 Page - Exar Corporation

Back Button CDK1307 Datasheet HTML 2Page - Exar Corporation CDK1307 Datasheet HTML 3Page - Exar Corporation CDK1307 Datasheet HTML 4Page - Exar Corporation CDK1307 Datasheet HTML 5Page - Exar Corporation CDK1307 Datasheet HTML 6Page - Exar Corporation CDK1307 Datasheet HTML 7Page - Exar Corporation CDK1307 Datasheet HTML 8Page - Exar Corporation CDK1307 Datasheet HTML 9Page - Exar Corporation CDK1307 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
6/15
Rev 1B
Electrical Characteristics - CDK1307A
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 20MSPS clock, 50% clock duty cycle,
-1dBFS 8MHz input signal, 13-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 2MHz
72.5
dBFS
FIN = 8MHz
71.5
72.2
dBFS
FIN ≃ FS/2
72.1
dBFS
FIN = 20MHz
71.6
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 2MHz
72.4
dBFS
FIN = 8MHz
71
72.0
dBFS
FIN ≃ FS/2
71.7
dBFS
FIN = 20MHz
71.3
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 2MHz
87
dBc
FIN = 8MHz
75
85
dBc
FIN ≃ FS/2
80
dBc
FIN = 20MHz
80
dBc
HD2
Second order Harmonic Distortion
FIN = 2MHz
-90
dBc
FIN = 8MHz
-85
-95
dBc
FIN ≃ FS/2
-95
dBc
FIN = 20MHz
-95
dBc
HD3
Third order Harmonic Distortion
FIN = 2MHz
-87
dBc
FIN = 8MHz
-75
-85
dBc
FIN ≃ FS/2
-80
dBc
FIN = 20MHz
-80
dBc
ENOB
Effective number of Bits
FIN = 2MHz
11.7
bits
FIN = 8MHz
11.5
11.7
bits
FIN ≃ FS/2
11.6
bits
FIN = 20MHz
11.6
bits
Power Supply
AIDD
Analog Supply Current
7.8
mA
DIDD
Digital Supply Current
Digital core supply
1.0
mA
OIDD
Output Driver Supply
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT enabled
1.7
mA
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT disabled
1.3
mA
Analog Power Dissipation
14.0
mW
Digital Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
5.1
mW
Total Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
19.1
mW
Power Down Dissipation
9.9
µW
Sleep Mode
Power Dissipation, Sleep mode
9.2
mW
Clock Inputs
Max. Conversion Rate
20
MSPS
Min. Conversion Rate
15
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com