Electronic Components Datasheet Search
  English  ▼

X  

CDK1308 Datasheet(PDF) 5 Page - Exar Corporation

Part # CDK1308
Description  Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK1308 Datasheet(HTML) 5 Page - Exar Corporation

  CDK1308 Datasheet HTML 1Page - Exar Corporation CDK1308 Datasheet HTML 2Page - Exar Corporation CDK1308 Datasheet HTML 3Page - Exar Corporation CDK1308 Datasheet HTML 4Page - Exar Corporation CDK1308 Datasheet HTML 5Page - Exar Corporation CDK1308 Datasheet HTML 6Page - Exar Corporation CDK1308 Datasheet HTML 7Page - Exar Corporation CDK1308 Datasheet HTML 8Page - Exar Corporation CDK1308 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
©2009-2013 Exar Corporation
5/14
Rev 1B
Electrical Characteristics
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 20/40/65/80MSPS clock, 50% clock duty cycle,
-1dBFS 8MHz input signal, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
No Missing Codes
Guaranteed
Offset Error
Midscale offset
1
LSB
Gain Error
Full scale range deviation from typical
-6
6
%FS
DNL
Differential Non-Linearity
±0.15
LSB
INL
Integral Non-Linearity
±0.2
LSB
VCMO
Common Mode Voltage Output
VAVDD/2
V
Analog Input
VCMI
Input Common Mode
Analog input common mode voltage
VCM -0.1
VCM +0.2
V
VFSR
Full Scale Range
Differential input voltage range
2.0
Vpp
Input Capacitance
Differential input capacitance
2.0
pF
Bandwidth
Input bandwidth, full power
500
MHz
Power Supply
AVDD,
DVDD
Core Supply Voltage
Supply voltage to all 1.8V domain pins.
See Pin Configuration and Description
1.7
1.8
2.0
V
OVDD
I/O Supply Voltage
Output driver supply voltage (OVDD).
Must be higher than or equal to Core Supply
Voltage (VOVDD ≥ VDVDD)
1.7
2.5
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com