Electronic Components Datasheet Search
  English  ▼

X  

CDK1308 Datasheet(PDF) 1 Page - Exar Corporation

Part # CDK1308
Description  Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK1308 Datasheet(HTML) 1 Page - Exar Corporation

  CDK1308 Datasheet HTML 1Page - Exar Corporation CDK1308 Datasheet HTML 2Page - Exar Corporation CDK1308 Datasheet HTML 3Page - Exar Corporation CDK1308 Datasheet HTML 4Page - Exar Corporation CDK1308 Datasheet HTML 5Page - Exar Corporation CDK1308 Datasheet HTML 6Page - Exar Corporation CDK1308 Datasheet HTML 7Page - Exar Corporation CDK1308 Datasheet HTML 8Page - Exar Corporation CDK1308 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
CDK1308
Ultra Low Power, 20/40/65/80MSPS,
10-bit Analog-to-Digital Converters (ADCs)
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
10-bit resolution
n
20/40/65/80MSPS max sampling rate
n
Ultra-Low Power Dissipation:
15/25/38/46mW
n
61.6dB SNR at 80MSPS and 8MHz FIN
n
Internal reference circuitry
n
1.8V core supply voltage
n
1.7 – 3.6V I/O supply voltage
n
Parallel CMOS output
n
40-pin QFN package
n
Pin compatible with CDK1307
APPLICATION S
n
Medical Imaging
n
Portable Test Equipment
n
Digital Oscilloscopes
n
IF Communication
n
Video Conferencing
n
Video Distribution
General Description
The CDK1308 is a high performance ultra low power analog-to-digital
converter (ADC). The ADC employs internal reference circuitry, a CMOS
control interface and CMOS output data, and is based on a proprietary
structure. Digital error correction is employed to ensure no missing codes in
the complete full scale range.
Two idle modes with fast startup times exist. The entire chip can either be
put in Standby Mode or Power Down mode. The two modes are optimized to
allow the user to select the mode resulting in the smallest possible energy
consumption during idle mode and startup.
The CDK1308 has a highly linear THA optimized for frequencies up to Nyquist.
The differential clock interface is optimized for low jitter clock sources and
supports LVDS, LVPECL, sine wave, and CMOS clock inputs.
Functional Block Diagram
Ordering Information
Part Number
Speed
Package
Pb-Free RoHS Compliant Operating Temperature Range
Packaging Method
CDK1308AILP40
20MSPS
QFN-40
Yes
Yes
-40°C to +85°C
Tray
CDK1308BILP40
40MSPS
QFN-40
Yes
Yes
-40°C to +85°C
Tray
CDK1308CILP40
65MSPS
QFN-40
Yes
Yes
-40°C to +85°C
Tray
CDK1308DILP40
80MSPS
QFN-40
Yes
Yes
-40°C to +85°C
Tray
Moisture sensitivity level for all parts is MSL-2A.
10


Similar Part No. - CDK1308

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308AILP40 CADEKA-CDK1308AILP40 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308BILP40 CADEKA-CDK1308BILP40 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308CILP40 CADEKA-CDK1308CILP40 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308DILP40 CADEKA-CDK1308DILP40 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
More results

Similar Description - CDK1308

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2308 CADEKA-CDK2308 Datasheet
1Mb / 14P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK1307 CADEKA-CDK1307_09 Datasheet
2Mb / 15P
Ultra Low Power, 10/20/40/65/80/100MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2308 CADEKA-CDK2308_09 Datasheet
1,009Kb / 15P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2308 EXAR-CDK2308 Datasheet
896Kb / 15P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com