Electronic Components Datasheet Search
  English  ▼

X  

CDK2308 Datasheet(PDF) 2 Page - Exar Corporation

Part # CDK2308
Description  Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK2308 Datasheet(HTML) 2 Page - Exar Corporation

  CDK2308 Datasheet HTML 1Page - Exar Corporation CDK2308 Datasheet HTML 2Page - Exar Corporation CDK2308 Datasheet HTML 3Page - Exar Corporation CDK2308 Datasheet HTML 4Page - Exar Corporation CDK2308 Datasheet HTML 5Page - Exar Corporation CDK2308 Datasheet HTML 6Page - Exar Corporation CDK2308 Datasheet HTML 7Page - Exar Corporation CDK2308 Datasheet HTML 8Page - Exar Corporation CDK2308 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
2/15
Rev 2B
Pin Assignments
Pin No.
Pin Name
Description
1, 18, 23
DVDD
Digital and I/O-ring pre driver supply voltage, 1.8V
2
CM_EXT
Common Mode voltage output
3, 9, 12
AVDD
Analog supply voltage, 1.8V
4, 5, 8
AVSS
Analog ground
6, 7
IP0, IN0
Analog input Channel 0 (non-inverting, inverting)
10, 11
IP1, IN1
Analog input Channel 1 (non-inverting, inverting)
13
DVSSCLK
Clock circuitry ground
14
DVDDCLK
Clock circuitry supply voltage, 1.8V
15
CLKP
Clock input, non-inverting (Format: LVDS, PECL, CMOS/TTL, Sine Wave)
16
CLKN
Clock input, inverting. For CMOS input on CLKP, connect CLKN to ground
17, 64
DVSS
Digital circuitry ground
19
CLK_EXT_EN
CLK_EXT signal enabled when low (zero). Tristate when high.
20
DFRMT
Data format selection. 0: Offset Binary, 1: Two's Complement
21
PD_N
Full chip Power Down mode when Low. All digital outputs reset to zero. After chip power up,
always apply Power Down mode before using Active mode to reset chip.
22
OE_N_1
Output Enable Channel 0. Tristate when high
24, 41, 58
OVDD
I/O ring post-driver supply voltage. Voltage range 1.7V to 3.6V.
25, 40, 57
OVSS
Ground for I/O ring
Pin Configuration
QFN-64, TQFP-64
CDK2308
QFN-64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
N/C
N/C
N/C
42
41
40
39
38
37
36
35
34
33
DVDDCLK
CLKN
CLKP
DVSSCLK
CLK_EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com