Electronic Components Datasheet Search
  English  ▼

X  

CDK2308 Datasheet(PDF) 1 Page - Exar Corporation

Part # CDK2308
Description  Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK2308 Datasheet(HTML) 1 Page - Exar Corporation

  CDK2308 Datasheet HTML 1Page - Exar Corporation CDK2308 Datasheet HTML 2Page - Exar Corporation CDK2308 Datasheet HTML 3Page - Exar Corporation CDK2308 Datasheet HTML 4Page - Exar Corporation CDK2308 Datasheet HTML 5Page - Exar Corporation CDK2308 Datasheet HTML 6Page - Exar Corporation CDK2308 Datasheet HTML 7Page - Exar Corporation CDK2308 Datasheet HTML 8Page - Exar Corporation CDK2308 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
CDK2308
Dual, 20/40/65/80MSPS, 10-bit
Analog-to-Digital Converters
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
10-bit resolution
n
20/40/65/80MSPS maximum sampling rate
n
Ultra-low power dissipation: 24/43/65/78mW
n
61.6dB SNR at 80MSPS and 8MHz FIN
n
Internal reference circuitry
n
1.8V core supply voltage
n
1.7V – 3.6V I/O supply voltage
n
Parallel CMOS output
n
64-pin QFN package
n
Dual channel
n
Pin compatible with CDK2307
APPLICATION S
n
Medical Imaging
n
Portable Test Equipment
n
Digital Oscilloscopes
n
IF Communication
General Description
The CDK2308 is a high performance, low power dual Analog-to-Digital Con-
verters (ADC). The ADC employs internal reference circuitry, a CMOS control
interface and CMOS output data, and is based on a proprietary structure.
Digital error correction is employed to ensure no missing codes in the com-
plete full scale range.
Several idle modes with fast startup times exist. Each channel can indepen-
dently be powered down and the entire chip can either be put in Standby
Mode or Power Down mode. The different modes are optimized to allow the
user to select the mode resulting in the smallest possible energy consumption
during idle mode and startup.
The CDK2308 has a highly linear THA optimized for frequencies up to Nyquist.
The differential clock interface is optimized for low jitter clock sources and
supports LVDS, LVPECL, sine wave and CMOS clock inputs.
Functional Block Diagram
Ordering Information
Part Number
Speed
Package
Pb-Free RoHS Compliant Operating Temperature Range
Packaging Method
CDK2308AILP64
20MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK2308BILP64
40MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK2308CILP64
65MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK2308DILP64
80MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
Moisture sensitivity level for all parts is MSL-2A.
CLK_EXT
10
10


Similar Part No. - CDK2308

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK2308 CADEKA-CDK2308 Datasheet
1Mb / 14P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK2308AILP64 CADEKA-CDK2308AILP64 Datasheet
1,009Kb / 15P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK2308AITQ64 CADEKA-CDK2308AITQ64 Datasheet
1Mb / 14P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK2308AITQ64 CADEKA-CDK2308AITQ64 Datasheet
1,009Kb / 15P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK2308AITQ64X CADEKA-CDK2308AITQ64X Datasheet
1Mb / 14P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
More results

Similar Description - CDK2308

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307 CADEKA-CDK2307 Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2308 CADEKA-CDK2308 Datasheet
1Mb / 14P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2308 CADEKA-CDK2308_09 Datasheet
1,009Kb / 15P
Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 EXAR-CDK1308 Datasheet
947Kb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com