Electronic Components Datasheet Search
  English  ▼

X  

CLC2010 Datasheet(PDF) 4 Page - Exar Corporation

Part # CLC2010
Description  Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2010 Datasheet(HTML) 4 Page - Exar Corporation

  CLC2010 Datasheet HTML 1Page - Exar Corporation CLC2010 Datasheet HTML 2Page - Exar Corporation CLC2010 Datasheet HTML 3Page - Exar Corporation CLC2010 Datasheet HTML 4Page - Exar Corporation CLC2010 Datasheet HTML 5Page - Exar Corporation CLC2010 Datasheet HTML 6Page - Exar Corporation CLC2010 Datasheet HTML 7Page - Exar Corporation CLC2010 Datasheet HTML 8Page - Exar Corporation CLC2010 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
4/15
Rev 1D
Electrical Characteristics at +2.7V
TA = 25°C, Vs = +2.7V, Rf = Rg =10kΩ, RL = 10kΩ to VS/2, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain -3dB Bandwidth
G = +1, VOUT = 0.05Vpp , Rf = 0
6.5
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT < 0.2Vpp
3
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
2
MHz
GBWP
Gain Bandwdith Product
G = +11, VOUT = 0.2Vpp
3.5
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 0.2V step; (10% to 90%)
55
ns
tS
Settling Time to 0.1%
VOUT = 1V step
700
ns
OS
Overshoot
VOUT = 1V step
7
%
SR
Slew Rate
2V step, G = -1
7
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
VOUT = 1Vpp, 100kHz
-68
dBc
HD3
3rd Harmonic Distortion
VOUT = 1Vpp, 100kHz
-65
dBc
THD
Total Harmonic Distortion
VOUT = 1Vpp, 100kHz
63
dB
en
Input Voltage Noise
> 10kHz
30
nV/√Hz
XTALK
Crosstalk
VOUT = 0.2Vpp, 10kHz
89
dB
DC Performance
VIO
Input Offset Voltage (1)
-5
1
5
mV
dVIO
Average Drift
3
µV/°C
Ib
Input Bias Current (1)
-250
90
250
nA
dIb
Average Drift
100
pA/°C
IOS
Input Offset Current (1)
2.1
100
nA
PSRR
Power Supply Rejection Ratio (1)
DC
58
63
dB
AOL
Open-Loop Gain
VOUT = VS / 2
65
82
dB
IS
Supply Current (1)
per channel
62
95
μA
Input Characteristics
RIN
Input Resistance
Non-inverting
>10
MΩ
CIN
Input Capacitance
1.4
pF
CMIR
Common Mode Input Range
-0.3 to
1.5
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0V to VS - 1.5
68
95
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 2kΩ to VS / 2
0.07 to
2.6
V
RL = 10kΩ to VS / 2 (1)
0.15 to
2.55
0.035 to
2.665
V
IOUT
Output Current
±4
mA
ISC
Short Circuit Output Current
±9
mA
Notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com