Electronic Components Datasheet Search
  English  ▼

X  

CLC2010 Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC2010
Description  Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2010 Datasheet(HTML) 1 Page - Exar Corporation

  CLC2010 Datasheet HTML 1Page - Exar Corporation CLC2010 Datasheet HTML 2Page - Exar Corporation CLC2010 Datasheet HTML 3Page - Exar Corporation CLC2010 Datasheet HTML 4Page - Exar Corporation CLC2010 Datasheet HTML 5Page - Exar Corporation CLC2010 Datasheet HTML 6Page - Exar Corporation CLC2010 Datasheet HTML 7Page - Exar Corporation CLC2010 Datasheet HTML 8Page - Exar Corporation CLC2010 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
Comlinear® CLC1010, CLC2010
70μA, Low Cost, 2.5 to 5.5V, 7.3MHz
Rail-to-Rail Amplifiers
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
70μA supply current
n
7.3MHz bandwidth
n
Input voltage range with 5V supply:
-0.3V to 3.8V
n
Output voltage range with 5V supply:
0.04V to 4.96V
n
9V/μs slew rate
n
29nV/√Hz input voltage noise
n
4mA linear output current
n
Fully specified at 2.7V and 5V supplies
n
Competes with low power CMOS amps
APPLICATION S
n
Portable/battery-powered applications
n
Mobile communications, cell phones,
pagers
n
ADC buffer
n
Active filters
n
Portable test instruments
n
Signal conditioning
n
Medical Equipment
n
Portable medical instrumentation
General Description
The COMLINEAR CLC1010 (single) and CLC2010 (dual) are ultra-low power,
low cost, voltage feedback amplifiers. These amplifiers use only 70μA of
supply current and are designed to operate from a supply range of 2.5V to
5.5V (±1.25 to ±2.75). The input voltage range extends 300mV below the
negative rail and 1.2V below the positive rail.
The CLC1010 and CLC2010 offer high bipolar performance at a low CMOS
price. They offer superior dynamic performance with a 7.3MHz small
signal bandwidth and 9V/μs slew rate. The combination of low power, high
bandwidth, and rail-to-rail performance make the CLC1010 and CLC2010 well
suited for battery-powered communication/computing systems.
Typical Performance Examples
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1010IST5X
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC1010ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC2010ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
Frequency (MHz)
0.1
1
10
100
G = 2
RL (kΩ)
1
10
100
4.55
4.60
4.70
4.85
4.75
4.80
4.65
Frequency Response
Output Swing vs. RL


Similar Part No. - CLC2010

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2011 CADEKA-CLC2011 Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011IMP8EVB EXAR-CLC2011IMP8EVB Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011IMP8MTR EXAR-CLC2011IMP8MTR Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC2011IMP8X CADEKA-CLC2011IMP8X Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results

Similar Description - CLC2010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com