Electronic Components Datasheet Search
  English  ▼

X  

CLC1200 Datasheet(PDF) 13 Page - Exar Corporation

Part # CLC1200
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1200 Datasheet(HTML) 13 Page - Exar Corporation

Back Button CLC1200 Datasheet HTML 7Page - Exar Corporation CLC1200 Datasheet HTML 8Page - Exar Corporation CLC1200 Datasheet HTML 9Page - Exar Corporation CLC1200 Datasheet HTML 10Page - Exar Corporation CLC1200 Datasheet HTML 11Page - Exar Corporation CLC1200 Datasheet HTML 12Page - Exar Corporation CLC1200 Datasheet HTML 13Page - Exar Corporation CLC1200 Datasheet HTML 14Page - Exar Corporation CLC1200 Datasheet HTML 15Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
© 2008-2014 Exar Corporation
13 / 15
exar.com/CLC1200
Rev 2E
CLC1200
Grounding
The output voltage of the CLC1200 is developed with
respect to the potential on the reference terminal (pin 8).
Simply tie the REF pin to the appropriate “local ground” to
resolve many grounding problems.
To isolate low level analog signals from a noisy digital
environment, many data acquisition components have
separate analog and digital ground pins. Use separate
ground lines (analog and digital) to minimize current flow
from sensitive areas to system ground. These ground
returns must be tied together at some point, usually best at
the ADC.
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. Exar has evaluation boards to
use as a guide for high frequency layout and as an aid in
device testing and characterization. Follow the steps below
as a basis for high frequency layout:
■
■
Include 6.8µF and 0.1µF ceramic capacitors for power supply
decoupling
■
■
Place the 6.8µF capacitor within 0.75 inches of the power pin
■
■
Place the 0.1µF capacitor within 0.1 inches of the power pin
■
■
Remove the ground plane under and around the part,
especially near the input and output pins to reduce parasitic
capacitance
■
■
Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more
information.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB024
CLC1200 in SOIC-8
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in
Figures 6-8. These evaluation boards are built for dual-
supply operation. Follow these steps to use the board in a
single-supply application:
1. Short -VS to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 6. CEB024 Schematic
Figure 7. CEB024 Top View
Figure 8. CEB024 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com