Electronic Components Datasheet Search
  English  ▼

X  

CLC1200 Datasheet(PDF) 9 Page - Exar Corporation

Part # CLC1200
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1200 Datasheet(HTML) 9 Page - Exar Corporation

Back Button CLC1200 Datasheet HTML 5Page - Exar Corporation CLC1200 Datasheet HTML 6Page - Exar Corporation CLC1200 Datasheet HTML 7Page - Exar Corporation CLC1200 Datasheet HTML 8Page - Exar Corporation CLC1200 Datasheet HTML 9Page - Exar Corporation CLC1200 Datasheet HTML 10Page - Exar Corporation CLC1200 Datasheet HTML 11Page - Exar Corporation CLC1200 Datasheet HTML 12Page - Exar Corporation CLC1200 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2008-2014 Exar Corporation
9 / 15
exar.com/CLC1200
Rev 2E
CLC1200
Typical Performance Characteristics
TA = 25°C, VS = ±15V, RL = 2kΩ to GND; unless otherwise noted.
Small Signal Pulse Response (G = 100)
Small Signal Pulse Response (G = 1000)
Small Signal Pulse Response (G = 1)
Small Signal Pulse Response (G = 10)
-0.1
-0.05
0
0.05
0.1
0
20
40
60
80
100
Time (us)
G = 1, RL=2K, CL=100pF
-0.1
-0.05
0
0.05
0.1
0
20
40
60
80
100
Time (us)
G = 10, RL=2K, CL=100pF
-0.1
-0.05
0
0.05
0.1
0
20
40
60
80
100
Time (us)
G = 100, RL=2K, CL=100pF
-0.1
-0.05
0
0.05
0.1
0
100
200
300
400
500
Time (us)
G = 1000, RL=2K, CL=100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com