Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 10 Page - Exar Corporation

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LMV321 Datasheet(HTML) 10 Page - Exar Corporation

Back Button LMV321 Datasheet HTML 6Page - Exar Corporation LMV321 Datasheet HTML 7Page - Exar Corporation LMV321 Datasheet HTML 8Page - Exar Corporation LMV321 Datasheet HTML 9Page - Exar Corporation LMV321 Datasheet HTML 10Page - Exar Corporation LMV321 Datasheet HTML 11Page - Exar Corporation LMV321 Datasheet HTML 12Page - Exar Corporation LMV321 Datasheet HTML 13Page - Exar Corporation LMV321 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
10/15
Rev 1A
Typical Performance Characteristics at +5V - Continued
TA = 25°C, VS = +5V, Rf = Rg =10kΩ, RL = 10kΩ to VS/2, G = 2; unless otherwise noted.

Ω


μs/div)


Ω


μs/div)


Ω


μs/div)


Ω


μs/div)


Ω


μs/div)


Ω


μs/div)

Inverting Small Signal Pulse Response
Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Inverting Small Signal Pulse Response
Inverting Large Signal Pulse Response
Inverting Large Signal Pulse Response
Inverting Large Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com