Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 14 Page - Exar Corporation

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LMV321 Datasheet(HTML) 14 Page - Exar Corporation

Back Button LMV321 Datasheet HTML 7Page - Exar Corporation LMV321 Datasheet HTML 8Page - Exar Corporation LMV321 Datasheet HTML 9Page - Exar Corporation LMV321 Datasheet HTML 10Page - Exar Corporation LMV321 Datasheet HTML 11Page - Exar Corporation LMV321 Datasheet HTML 12Page - Exar Corporation LMV321 Datasheet HTML 13Page - Exar Corporation LMV321 Datasheet HTML 14Page - Exar Corporation LMV321 Datasheet HTML 15Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
14/15
Rev 1A
supply decoupling
▪ Place the 6.8µF capacitor within 0.75 inches of the power
pin
▪ Placethe0.1µFcapacitorwithin0.1inchesofthepowerpin
▪ Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance
▪ Minimizealltracelengthstoreduceseriesinductances
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in
Figures 7-9. These evaluation boards are built for dual
supply operation. Follow these steps to use the board
in a single-supply application:
1. Short -Vs to ground.
2. Use C3 (6.8uF) and C4 (0.1uF), if the -VS pin of the
amplifier is not directly connected to the ground plane.
Figure 7. CEB004 Schematic
Figure 8. CEB004 Top View
Figure 9. CEB004 Bottom View
RL
+
-
Rf
0.1µF
6.8µF
Output
Input
+Vs
Rg
0.1µF
6.8µF
RL
Rin
-Vs
1
3
2
5
4
Rout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com