Electronic Components Datasheet Search
  English  ▼

X  

SPT9693SCU Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPT9693SCU
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT9693SCU Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPT9693SCU Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPT
5
3/1/01
SPT9693
TYPICAL PERFORMANCE CHARACTERISTICS
1.1
1.5
1.9
2.3
2.7
–1.50
–1.30
–1.10
RISE AND FALL OF OUTPUTS vs TIME CROSSOVER
TIME (ns)
–1.90
–1.70
–.90
3.5
VOD (mV)
1100
PROPAGATION DELAY vs INPUT
OVERDRIVE VOLTAGE
1200
1300
1400
1500
50
100
150
200
250
300
350
400
Input Slew Rates
= 1 V/ns
= 2 V/ns
= 5 V/ns
–4
–2
0
VIN, cm (V)
1200
+2
+4
PROPAGATION DELAY vs
COMMON MODE INPUT VOLTAGE
+6
+8
1300
1400
1500
1600
HYSTERESIS vs DLATCH VOLTAGE
–30
–20
–10
0
10
30
20
10
20
30
40
50
V Hysteresis (mV)
VLE–VLE
(mV)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com