Electronic Components Datasheet Search
  English  ▼

X  

SPT9693SCU Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SPT9693SCU
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT9693SCU Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SPT9693SCU Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 9Page - List of Unclassifed Manufacturers SPT9693SCU Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SPT
10
3/1/01
SPT9693
Signal Processing Technologies, Inc. reserves the right to change products and specifications without notice. Permission is hereby
expressly granted to copy this literature for informational purposes only. Copying this material for any other use is strictly prohibited.
WARNING – LIFE SUPPORT APPLICATIONS POLICY – SPT products should not be used within Life Support Systems without
the specific written consent of SPT. A Life Support System is a product or system intended to support or sustain life which, if it fails,
can be reasonably expected to result in significant personal injury or death.
Signal Processing Technologies believes that ultrasonic cleaning of its products may damage the wire bonding, leading to device
failure. It is therefore not recommended, and exposure of a device to such a process will void the product warranty.
PIN ASSIGNMENTS
PIN FUNCTIONS
NAME
FUNCTION
QA
Output A
QA
Inverted Output A
GNDA
Ground A
LEA
Inverted Latch Enable A
LEA
Latch Enable A
AVCC(A)
Positive Supply Voltage (+10 V)
AVEE(A)
Negative Supply Voltage (–10 V)
AVCC(B)
Positive Supply Voltage (+10 V)
AVEE(B)
Negative Supply Voltage (–10 V)
–INA
Inverting Input A
+INA
Noninverting Input A
+INB
Noninverting Input B
–INB
Inverting Input B
LEB
Inverted Latch Enabled B
LEB
Latch Enable B
GNDB
Ground B
QB
Inverted Output B
QB
Output B
N/C
Not Connected
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT9693SCC
0 to +70 °C
LCC
SPT9693SCP
0 to +70 °C
PLCC
SPT9693SCU
+25 °CDie*
*Please see the die specification for guaranteed electrical performance.
4
5
6
7
8
18
17
16
15
14
910
11
12
13
32
1
20
19
TOP VIEW
LCC/PLCC
QB
QA
QA
QB GNDB
LEB
LEB
N/C
AVEE(B)
AVCC(B)
–INB
+INB
+INA
–INA
AVCC(A)
LEA
LEA
N/C
AVEE(A)
GNDA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com