Electronic Components Datasheet Search
  English  ▼

X  

SLE10K Datasheet(PDF) 1 Page - Copal Electronics

Part # SLE10K
Description  Miniature Power Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SLE10K Datasheet(HTML) 1 Page - Copal Electronics

  SLE10K Datasheet HTML 1Page - Copal Electronics SLE10K Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLE10K
Miniature Power Rocker Switches
RoHS Compliant
CSA
VDE
UL
■Features
1. Waterproof structure
The switches can be used in a place in wetting risk due to the
internally sealed structure.
The panel sealing performance is equivalent to the IP64 rating.
2. Snap-in panel mounting
;OL Z^P[JO JHU IL Ä_LK VU [OL WHULS Q\Z[ I` PUZLY[PUN P[ [V [OL
panel cutout from the front side.
3. Soldering and tab terminals
The switch is structured so that the use of the TAB receptacle
(#187) or soldering of lead wires can be chosen.
4. UL , CSA and VDE approved products.
■Part Numbering
■ :WLJPÄJH[PVUZ
Rating
Load
Inductive load
Resistive
load
Inrush current
(p.f.=0.6)
125VAC
250VAC
10A 125VAC
6A 250VAC
(p.f.=1.0)
60A
36A
Break current
(p.f.=0.9)
10A
6A
Min. rating
10mA 5V AC/DC
Initial contact resistance
20m
Ω TH_
(1A 2∼4VDC)
Dielectric strength
1,500VAC 1 minute
Insulation resistance
100M
Ω min.
(500VDC)
Electrical life
(cycles)
10,000 cycles
20,000 cycles
Operating force
3.92
∼12.7N
Operating temperature range
−25∼+85℃
Storage temperature range
−40∼+85℃
■Table of Part Numbers
Poles
Frame color and
rocker color
Switching function
Terminal style
Part No. and rating marking side
2
−pole
Black
ON
−OFF
TAB
☆SLE10K2−Z SLE10K2−5−Z SLE10K2−6−Z SLE10K2−7−Z
●For made-to-order products, we accept orders for indication of letters, codes, etc., on the top surface of the rocker.
☆:Semi-standard products.
SLE
  10  K   2  −  5  − Z
ON − OFF
10A
10
K2
Series code
Current
witching function
Rocker design
TAB(t=0.5)
Terminal style
5
6
7
None
Unfigured
Panel Seal


Similar Part No. - SLE10K

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SLE10 BANNER-SLE10 Datasheet
381Kb / 7P
SLE10 Expert Series Slot Sensor
logo
Copal Electronics
SLE10A2-5 COPAL-SLE10A2-5 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SLE10A2-6 COPAL-SLE10A2-6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SLE10A2-7 COPAL-SLE10A2-7 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SLE10A2-8 COPAL-SLE10A2-8 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results

Similar Description - SLE10K

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
Miniature Illuminated Power Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
Miniature Illuminated Power Rocker Switches
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
Miniature Power Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
Miniature Power Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com