Electronic Components Datasheet Search
  English  ▼

X  

SLE10K Datasheet(PDF) 2 Page - Copal Electronics

Part # SLE10K
Description  Miniature Power Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SLE10K Datasheet(HTML) 2 Page - Copal Electronics

  SLE10K Datasheet HTML 1Page - Copal Electronics SLE10K Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ing
SLE10K
SLE10K2
−Z DPST
TAB#187 Terminal
Switching
function
Part No.
Viewed from part No. & rating marking side
SLE10K2
−Z
ON
OFF
SLE10K2
−5−Z
SLE10K2
−6−Z
SLE10K2
−7−Z
Connecting
terminals
1
− 2
3
− 4
−
Terminal numbers are shown on the bottom of the switch.
■Terminal Style
Silver plated
TAB
#187
■7HJRHNPUN :WLJPÄJH[PVU
Perforated
Plastic
Bags
25 pcs/pack
■Handling Precautions
The waterproofing performance of SLE10K is equivalent
to the IP64 rating, but the following precautions must be
strictly observed:
Fig.1.
Fig.2.
1. Waterproof performance (Equivalent to IP64
rating)
⑴Although the switch is waterproof-structured,
do not use it under the environment where it is
HS^H`Z L_WVZLK [V ^H[LY WYLZZ\YL QL[ ÅV^ HUK
under water).
⑵ Avo i d t h e u s e i n p l aces wh e r e d u s t
accumulates. The waterproof performance and
operability may be deteriorated.
2. Panel mounting
⑴When the switch is used in a place where it
TH` IL L_WVZLK [V ^H[LY ZWSHZO TV\U[ [OL
switch at a tilt of at least 35 degrees from the
horizontal surface.
(See Fig. 1.)
⑵Mount the switch on the panel so that the
thickness of packing is 1 mm or below.
(See Fig. 2.)
Do not reuse the switch that is once mounted on
a panel. Neglecting this caution may deteriorate
[OL ^H[LYWYVVÄUN WLYMVYTHUJL
 :VSKLYPUN :WLJPÄJH[PVUZ
 ⑴Manual Soldering
Device: Soldering iron
380
℃4H_"  ZLJVUKZ 4H_
Black
9.2
12.4
13
(2)
(1)
(4)
(3)
Part No. and rating mark
UL・CSA&VDE marking
(Panel mounted)
1 Max.
Lot No. marking
7.9
1.5
3.32
3
16.6
■Panel Cut-Out Dimensions
Panel thickness
XY
0.75
∼1.25
19.2
12.9
1.25
∼3.5
19.4
12.9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com