Electronic Components Datasheet Search
  English  ▼

X  

SMT3 Datasheet(PDF) 1 Page - Copal Electronics

Part # SMT3
Description  Surface Mount Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SMT3 Datasheet(HTML) 1 Page - Copal Electronics

  SMT3 Datasheet HTML 1Page - Copal Electronics SMT3 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■ SpeciÄcations
Rating
Max.
0.6VA max.
(24VDC max. 30mA max.)
Min.
Silver plated contacts
1mA DC5V
Gold plated contacts
10
μA DC5V
Initial contact resistance
100m
Ω max.  (1.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
100M
Ω min.      (100VDC)
Electrostatic capacity
5pF
max.
Electrical life
100,000 operations
Stroke
SMT3
0.25mm
SMTE3
0.5mm
Operating force
SMT3
1.18
±0.39 N
SMTE3
1.96
±0.98 N
Operating temperature range −25∼+70℃
Storage temperature range
−40∼+85℃
SMT3/SMTE3
Surface Mount Tactile Switches
RoHS Compliant
■ Part Numbering
SMT E
G 3
− 01 E ーZ
■ Structure
■ Table of Part Numbers
Structure
Packaging speciÄcations
Stick
Emboss taping
Standard type
SMT3-01-Z
SMT3-01E-Z
★ SMTG3-01E-Z
Immersion washable
SMTE3-01-Z
★ SMTEG3-01-Z
SMTE3-01E-Z
★ SMTEG3-01E-Z
Series code
Series No.
Registration No. Packaging specs.
Contact plating
Structure
None
Silver plated
G
Gold plated
None
Standard type
(Plastic button)
E
Immersion washable
(Rubber button)
★:Made to order products.
■ Pad Layouts
                          (Top view)
Ground terminals
Without
With
Part No.
SMT3
・SMTE3
SMTG3
・SMTEG3
SMTE3
SMTEG3
Pattern dimensions
None
Stick
E
Emboss taping
■ Features
1. Compatible With Lead-Free, ReÅow Soldering
Heat-resistance resin for lead-free soldering.
2. Washable (SMTE3 Series)
3. J-Lead Terminal Pins For High-Density Mounting
4. Anti-Static Electricity (SMTE3 Series)
Ground terminal is provided to prevent damage to element
caused by static electricity.
Washable


Similar Part No. - SMT3

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SMT300-1A FRONTIER-SMT300-1A Datasheet
115Kb / 2P
Surface Mount Transformer/Inductor
SMT300-1A-LFR FRONTIER-SMT300-1A-LFR Datasheet
115Kb / 2P
Surface Mount Transformer/Inductor
SMT300-1MA FRONTIER-SMT300-1MA Datasheet
115Kb / 2P
Surface Mount Transformer/Inductor
SMT300-1MA-LFR FRONTIER-SMT300-1MA-LFR Datasheet
115Kb / 2P
Surface Mount Transformer/Inductor
SMT300-2A FRONTIER-SMT300-2A Datasheet
115Kb / 2P
Surface Mount Transformer/Inductor
More results

Similar Description - SMT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
Tactile Switches
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
Tactile Switches
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
Tactile Switches (SMT)
logo
Omron Electronics LLC
B3W-9 OMRON-B3W-9 Datasheet
875Kb / 10P
Illuminated Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
Tactile Switches
SMT1 COPAL-SMT1 Datasheet
576Kb / 2P
Surface Mount Tactile Switches
logo
CamdenBoss Ltd.
CST06S0AT CAMDENBOSS-CST06S0AT Datasheet
443Kb / 1P
6x6mm tactile switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com