Electronic Components Datasheet Search
  English  ▼

X  

SMT3 Datasheet(PDF) 2 Page - Copal Electronics

Part # SMT3
Description  Surface Mount Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SMT3 Datasheet(HTML) 2 Page - Copal Electronics

  SMT3 Datasheet HTML 1Page - Copal Electronics SMT3 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(ON)
:Momentary
SMT3
■SPST
Terminal numbers are not shown on the switch.
Washable
SMT3
SMTE3
Part No.
Switchng function
SMT3-01-Z
SMT3-01E-Z
SMTG3-01E-Z
SMTE3-01-Z
SMTE3-01E-Z
SMTEG3-01-Z
SMTEG3-01E-Z
OFF
(ON)
Connecting terminals
-
1
  3
-
2
  4
Circuit diagrams
(ON)
:Momentary
(E)
:GGround terminal (SMTE3 and SMTEG3 series)
■Soldering SpeciÄcations
(1)
Manual Soldering
Device : Soldering iron
①350°
C
± 10°
C; 3
± 0.5 seconds
(2)
ReÅow Soldering
Device : Inline or batch system
Apply reÅow soldering up to 2 times max.
■Flux Cleaning
Since the SMT3 series is not process sealed, be sure to
use low-residue Åux.
(1)
Solvent: Fluorine or Alcohol type
Cleaning with other solvents or water is not possible.
(2)
Cleaning after soldering should be done after the terminal
temperature falls to 90
°
C or below, or after leaving the
switch for Äve minutes or longer at room temperature.
Cleaning temperature: 43
°
C, max.
(3)
Do not use ultrasonic cleaning.
■Packaging SpeciÄcations
Stick
Emboss taping
●When ordering, tape packaged version shall be supplied by request. Minimum packaging quantity for reel packaging is 1,000pcs per reel.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com